Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF520 Fiches technique(PDF) 1 Page - Inchange Semiconductor Company Limited

No de pièce IRF520
Description  N-Channel MOSFET Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IRF520 Fiches technique(HTML) 1 Page - Inchange Semiconductor Company Limited

  IRF520 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IRF520 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website: www.iscsemi.com
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
IRF520
·
FEATURES
·
Low RDS(on)
·
VGS Rated at ±20V
·
Silicon Gate for Fast Switching Speed
·
Rugged
·
Low Drive Requirements
·
DESCRITION
·
Designed especially for high voltage,high speed applications,
such as off-line switching power supplies , UPS,AC and DC
motor controls,relay and solenoid drivers.
·
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
100
V
VGS
Gate-Source Voltage-Continuous
±
20
V
ID
Drain Current-Continuous
9.2
A
IDM
Drain Current-Single Plused
37
A
PD
Total Dissipation @TC=25℃
60
W
Tj
Max. Operating Junction Temperature
-55~175
Tstg
Storage Temperature
-55~175
·
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2.5
/W
Rth j-a
Thermal Resistance,Junction to Ambient
80
/W


Numéro de pièce similaire - IRF520

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
IRF520 STMICROELECTRONICS-IRF520 Datasheet
181Kb / 9P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
June 1993
logo
Vishay Siliconix
IRF520 VISHAY-IRF520 Datasheet
158Kb / 8P
   Power MOSFET
01-Jan-2022
logo
Supertex, Inc
IRF520 SUTEX-IRF520 Datasheet
74Kb / 2P
   N - CHANNEL ENHANCEMENT MODE VERTICAL DMOS POWER FETs
logo
Fairchild Semiconductor
IRF520 FAIRCHILD-IRF520 Datasheet
166Kb / 5P
   N-Channel Power MOSFETs, 11 A, 60-100 V
logo
Intersil Corporation
IRF520 INTERSIL-IRF520 Datasheet
69Kb / 7P
   9.2A, 100V, 0.270 Ohm, N-Channel Power MOSFET
November 1999
More results

Description similaire - IRF520

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
IPD65R600E6 ISC-IPD65R600E6 Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
IRL8113 ISC-IRL8113 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
IRLB8721 ISC-IRLB8721 Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
IRLZ24N ISC-IRLZ24N Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
IPP048N12N3 ISC-IPP048N12N3 Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
IPP50R350CP ISC-IPP50R350CP Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
IPP110N20NA ISC-IPP110N20NA Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
IPP60R060C7 ISC-IPP60R060C7 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
IPP60R299CP ISC-IPP60R299CP Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
IPP60R520E6 ISC-IPP60R520E6 Datasheet
337Kb / 2P
   N-Channel MOSFET Transistor
IPP60R190E6 ISC-IPP60R190E6 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com