Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHC164 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce 74AHC164
Description  8-bit serial-in/parallel-out shift register
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC164 Fiches technique(HTML) 3 Page - NXP Semiconductors

  74AHC164 Datasheet HTML 1Page - NXP Semiconductors 74AHC164 Datasheet HTML 2Page - NXP Semiconductors 74AHC164 Datasheet HTML 3Page - NXP Semiconductors 74AHC164 Datasheet HTML 4Page - NXP Semiconductors 74AHC164 Datasheet HTML 5Page - NXP Semiconductors 74AHC164 Datasheet HTML 6Page - NXP Semiconductors 74AHC164 Datasheet HTML 7Page - NXP Semiconductors 74AHC164 Datasheet HTML 8Page - NXP Semiconductors 74AHC164 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
2000 Aug 15
3
Philips Semiconductors
Product specification
8-bit serial-in/parallel-out shift register
74AHC164; 74AHCT164
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
h = HIGH voltage level one set-up time prior to the LOW-to-HIGH clock transition;
L = LOW voltage level;
l = LOW voltage level one set-up time prior to the LOW-to-HIGH clock transition;
↑ = LOW-to-HIGH transition;
X = don’t care;
q = lower case letter indicates the state of the referenced input one set-up time prior to the LOW-to-HIGH transition.
ORDERING INFORMATION
OPERATING MODES
INPUTS
OUTPUTS
MR
CP
Dsa
Dsb
Q0
Q1-Q7
reset (clear)
L
X
X
X
L
L-L
shift
H
ll
L
q0-q6
H
lh
L
q0-q6
H
hlL
q0-q6
H
hh
H
q0-q6
TYPE NUMBER
PACKAGES
TEMPERATURE
RANGE
PINS
PACKAGE
MATERIAL
CODE
74AHC164D
−40 to +125 °C
14
SO
plastic
SOT108-1
74AHC164PW
14
TSSOP
plastic
SOT402-1
74AHCT164D
14
SO
plastic
SOT108-1
74AHCT164PW
14
TSSOP
plastic
SOT402-1


Numéro de pièce similaire - 74AHC164

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
74AHC164 DIODES-74AHC164 Datasheet
634Kb / 11P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Nexperia B.V. All right...
74AHC164 NEXPERIA-74AHC164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
74AHC164-Q100 NEXPERIA-74AHC164-Q100 Datasheet
726Kb / 19P
   Automotive product qualification in accordance with AEC-Q100
logo
NXP Semiconductors
74AHC164BQ NXP-74AHC164BQ Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHC164BQ NEXPERIA-74AHC164BQ Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results

Description similaire - 74AHC164

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com