Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM2G-4807SZ Fiches technique(PDF) 8 Page - AIMTEC

No de pièce AM2G-4807SZ
Description  2 Watt | DC-DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2G-4807SZ Fiches technique(HTML) 8 Page - AIMTEC

  AM2G-4807SZ Datasheet HTML 1Page - AIMTEC AM2G-4807SZ Datasheet HTML 2Page - AIMTEC AM2G-4807SZ Datasheet HTML 3Page - AIMTEC AM2G-4807SZ Datasheet HTML 4Page - AIMTEC AM2G-4807SZ Datasheet HTML 5Page - AIMTEC AM2G-4807SZ Datasheet HTML 6Page - AIMTEC AM2G-4807SZ Datasheet HTML 7Page - AIMTEC AM2G-4807SZ Datasheet HTML 8Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Series AM2G-Z
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.N
8 of 8
North America only
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3.Mechanical drawings and specifications are for reference only. 4.All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5.Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
0
10
20
30
40
50
60
70
80
90
100
20%
40%
60%
80%
100%
Loading %
AM2G‐2415Z Efficiency vs. Loading
0
10
20
30
40
50
60
70
80
90
100
20%
40%
60%
80%
100%
Loading %
AM2G‐4809Z Efficiency vs. Loading


Numéro de pièce similaire - AM2G-4807SZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AM2G-4807SZ AIMTEC-AM2G-4807SZ Datasheet
613Kb / 7P
   2 Watt | DC-DC Converter
More results

Description similaire - AM2G-4807SZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AM2D-RZ AIMTEC-AM2D-RZ_16 Datasheet
407Kb / 6P
   2 Watt | DC-DC Converter
AM2GW-NZ AIMTEC-AM2GW-NZ_16 Datasheet
124Kb / 2P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_16 Datasheet
369Kb / 5P
   2 Watt | DC-DC Converter
AM2L-NZ AIMTEC-AM2L-NZ_16 Datasheet
168Kb / 5P
   2 Watt | DC-DC Converter
AM2S-Z AIMTEC-AM2S-Z_16 Datasheet
551Kb / 5P
   2 Watt | DC-DC Converter
AM2D-RZ AIMTEC-AM2D-RZ Datasheet
263Kb / 5P
   2 Watt | DC-DC Converter
AM2G-Z AIMTEC-AM2G-Z Datasheet
613Kb / 7P
   2 Watt | DC-DC Converter
AM2LP-NZ AIMTEC-AM2LP-NZ Datasheet
103Kb / 3P
   2 Watt | DC-DC Converter
AM2N-NZ AIMTEC-AM2N-NZ Datasheet
235Kb / 3P
   2 Watt | DC-DC Converter
AM2GH-Z AIMTEC-AM2GH-Z_13 Datasheet
629Kb / 4P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_13 Datasheet
252Kb / 4P
   2 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com