Moteur de recherche de fiches techniques de composants électroniques |
|
AM2DC-0509DH60Z Fiches technique(PDF) 4 Page - AIMTEC |
|
AM2DC-0509DH60Z Fiches technique(HTML) 4 Page - AIMTEC |
4 / 4 page Series AM2DC-Z 2 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R6 4 of 4 North America only Input Reflected Ripple Current Test Circuit Recommended Application circuit for reducing the output ripple and noises: Recommended Output Capacitor to reduce the converter’s ripple and noises for single output models is 4.7µF to 100µF and for dual output models is 4.7µF to 68µF connected to both outputs. Li with value of 12µH and Ci with value 10µF to 100µF are recommended to be connected to the input of the converter for EMI improvement. EMI Filter Circuit recommendation Vin C1 L1 C2 C3 5, 12, 15 V 470 µF / 100V 18 µH 24 V 470 µF / 100V 18 µH 2.2 µF / 100V 470 pF / 2kV * Electrolytic type NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled by Aimtec; refer to www.aimtec.com for the most current product specifications. 2. Product labels shown, including safety agency certifications on labels, may vary based on the date manufactured. 3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. 5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release. 6. This product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate specific safety and regulatory standards other the ones listed in this datasheet. 7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com. |
Numéro de pièce similaire - AM2DC-0509DH60Z |
|
Description similaire - AM2DC-0509DH60Z |