Moteur de recherche de fiches techniques de composants électroniques |
|
0001.1009.PT Fiches technique(PDF) 1 Page - Schurter Inc. |
|
0001.1009.PT Fiches technique(HTML) 1 Page - Schurter Inc. |
1 / 3 page 1 Non resettable fuses SP 5x20 Pigtail www.schurter.com /PG01_2 Fuses Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, H, 250 VAC IEC 60127-2 · 250VAC · Quick-Acting F Description - IEC Standard Fuse - H = High Breaking Capacity (Ceramic Tube) Standards - IEC 60127-2/1 - UL 248-14 - CSA C22.2 no. 248.14 Approvals - UL File Number: E41599 Applications - Primary Protection on PCB References Packaging Details Weblinks pdf-datasheet, html-datasheet, General Product Information, Packaging details, Approvals, CE declaration of conformity, RoHS, CHINA-RoHS, REACH, Distributor-Stock-Check, Detailed request for product Technical Data Rated Voltage 250 VAC Rated current 0.5 - 16 A Breaking Capacity 500 A - 1500 A Characteristic Quick-Acting F Admissible Ambient Air Temp. -55 °C to 125 °C Climatic Category 55/125/21 acc. to IEC 60068-1 Material: Tube Ceramic Material: Endcaps Nickel-Plated Copper Alloy Material: Axial Leads Tin-Plated Copper Unit Weight 1.67 g Storage Conditions 0 °C to 60 °C, max. 70% r.h. Product Marking , Rated current, Rated Voltage, Cha- racteristic, Breaking Capacity, Approvals Soldering Methods Wave, Iron Soldering Profile Solderability 235 °C / 2 sec acc. to IEC 60068-2-20, Test Ta, method 1 Resistance to Soldering Heat 260 °C / 5 sec acc. to IEC 60068-2-20, Test Tb, method 1A Dimension 22.5 mm max. 22.5 .xx = .TR: 75 ±0.3 .xx = .PT: 40±0.2 .xx = .PT: 40±0.2 In ≤ 6.3 A: ØA = 0.65 mm 8 A ≤ In ≤ 12.5 A: ØA = 0.8 mm In ≥ 16 A: ØA = 1.0 mm |
Numéro de pièce similaire - 0001.1009.PT |
|
Description similaire - 0001.1009.PT |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |