Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SC4015 Datasheet(Fiches technique) 1 Page - Rohm

Numéro de pièce 2SC4015
Description  Chroma amplifier transistor
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

2SC4015 Datasheet(HTML) 1 Page - Rohm

  2SC4015 Datasheet HTML 1Page - Rohm 2SC4015 Datenblatt HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SC3415S / 2SC4015
Transistors
Chroma amplifier transistor (300V, 0.1A)
2SC3415S / 2SC4015
!
Features
1) High breakdown voltage. (BVCEO=300V)
2) Low collector output capacitance.
(Typ. 3pF at VCB=30V)
3) Ideal for chroma circuit.
!
!
!
!
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Limits
300
300
5
100
150
−55~+150
Unit
V
V
V
mA
°C
°C
0.3
W
1
2SC3415S
2SC4015
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power
dissipation
Junction temperature
∗ Printed circuit board 1.7mm thick, collector plating 1cm2 or larger.
Storage temperature
!
!
!
!
Packaging specifications and hFE
Type
2SC3415S
SPT
NP
TP
5000
2SC4015
ATV
N
TV2
2500
Package
hFE
Code
Basic ordering unit (pieces)
!
External dimensions (Units : mm)
2SC3415S
(3) Base
(2) Collector
(1) Emitter
ROHM : SPT
EIAJ : SC-72
2SC4015
(3) Base
(2) Collector
(1) Emitter
ROHM : ATV
0.45
1.05
0.5
(1)
0.65Max.
2.54
(2)
2.54
(3)
6.8
2.5
Taping specifications
0.45
2.5
(1) (2) (3)
5
Taping specifications
0.45
0.5
42
!
!
!
!
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
hFE
fT
Cob
300
300
5
56
50
100
3
0.5
0.5
2
180
V
V
V
µA
µA
V
MHz
pF
IC=50
µA
IC
=100
µA
IE
=50
µA
VCB
=200V
VEB
=4V
IC/IB
=50mA/5mA
VCE/IC
=10V/10mA
VCE
=30V, IE=-10mA, f=100MHz
VCB
=30V, IE=0A, f=1MHz
56
120
2SC3415S
2SC4015
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current
transfer ratio
Gain bandwidth product
Collector output capacitance


Html Pages

1  2