Moteur de recherche de fiches techniques de composants électroniques |
|
CX8045JA20000H0QTWZ1 Fiches technique(PDF) 1 Page - Kyocera Kinseki Corpotation |
|
CX8045JA20000H0QTWZ1 Fiches technique(HTML) 1 Page - Kyocera Kinseki Corpotation |
|
1 / 1 page Crystal Units Surface Mount Type CX8045JA (CX-17F) 8.0 ×4.5mm for Automotive RoHS Compliant Features • Crystal unit for automotive electronics • Small and low profile (8.0 ×4.5×1.9mm) • Ceramic package, J lead type • Reflow compatible • AEC-Q200 qualitied Applications • ECU, TPMS How to Order CX8045JA 08000 □□ □ □ □ □□ ① ② ③ ④ ⑤ ⑥ ⑦ ① Series ② Frequency ③ Load Capacitance D0 8 pF — H0 12 pF Std. ④ Frequency Stability P ±50×10-6 — Q ±100×10-6 Std. ⑤ Operating Temp. Range ⑥ Frequency Temp. Stability TW -40 to +150°C ±200×10-6 Std. ⑦ Individual Specification Packaging (Tape & Reel 3000/ 1000 pcs./ reel) Specifications Item Symbol Specification Units Remarks Frequency Range f_nom 4000 to 30000 kHz Overtone Order OT Fundamental ― Load Capacitance CL 12 pF Frequency Stability f_tol ±100 ×10-6 25 °C±3°C Motional Series Resistance R1 Table 1 ohm Drive Level DL Table 2 μW Operating Temp. Range T_use -40 to +150 °C Storage Temp. Range T_stg -40 to +150 °C Frequency Temp. Characteristics f_tem ±200 ×10-6 Freq. deviation from the value at 25 °C • Please contact us for other specifications. Typical Frequencies and Part Numbers Frequency (kHz) Part Number 8000.000 CX8045JA08000H0QTWZ1 9843.750 CX8045JA09843H0QTWZ1 10000.000 CX8045JA10000H0QTWZ1 12000.000 CX8045JA12000H0QTWZ1 13560.000 CX8045JA13560H0QTWZ1 14000.000 CX8045JA14000H0QTWZ1 16000.000 CX8045JA16000H0QTWZ1 18000.000 CX8045JA18000H0QTWZ1 20000.000 CX8045JA20000H0QTWZ1 24000.000 CX8045JA24000H0QTWZ1 25000.000 CX8045JA25000H0QTWZ1 30000.000 CX8045JA30000H0QTWZ1 Table1 Motional Series Resistance Frequency Range Motional Series Resistance 4000 to 4999kHz 500 Ω max. 5000 to 7199kHz 300 Ω max. 7200 to 9999kHz 200 Ω max. 10000 to 11999kHz 150 Ω max. 12000 to 30000kHz 100 Ω max. Table2 Level of Drive Frequency Range Level of Drive 4000 to 15999kHz 10 μW (500μW max.) 16000 to 24999kHz 10 μW (300μW max.) 25000 to 30000kHz 10 μW (100μW max.) 1.7 7.1 1.7 Recommended Land Pattern (Unit: mm) 8.0 ±0.2 0.9 CONNECTION Dimensions (Unit: mm) |
Numéro de pièce similaire - CX8045JA20000H0QTWZ1 |
|
Description similaire - CX8045JA20000H0QTWZ1 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |