Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX3225SB22579D0GEJZ1 Fiches technique(PDF) 1 Page - Kyocera Kinseki Corpotation

No de pièce CX3225SB22579D0GEJZ1
Description  Crystal Units Surface Mount Type CX3225SB (CX-101F)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KSS [Kyocera Kinseki Corpotation]
Site Internet  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CX3225SB22579D0GEJZ1 Fiches technique(HTML) 1 Page - Kyocera Kinseki Corpotation

  CX3225SB22579D0GEJZ1 Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.2
×2.5mm for Consumer Products
Crystal Units
Surface Mount Type CX3225SB (CX-101F)
RoHS Compliant
Features
• Crystal unit for Consumer Products
• Miniature and low profile (3.2
×2.5×0.55mm)
• Ceramic package
• Reflow compatible
• AEC-Q200 qualitied
(Please contact us for Automotive use)
Applications
• Digital Electronics
• Consumer Products
• Car audio and accessories
How to Order
CX3225SB 12000 □□ □ □ □ □□
③ ④ ⑤ ⑥ ⑦
① Series
② Frequency
③ Load Capacitance
B0
6 pF
D0
8 pF
Std.
F0
10 pF
④ Frequency Stability
G
±15×10-6 Std.
⑤ Operating Temp. Range ⑥ Frequency Temp. Stability
EJ
-10 to +70°C
±15×10-6
Std.
⑦ Individual Specification
Packaging (Tape & Reel 3000/ 1000 pcs./ reel)
Typical Frequencies and Part Numbers
Frequency (kHz)
Part Number
12000.000
CX3225SB12000D0GEJZ1
13560.000
CX3225SB13560D0GEJZ1
14318.180
CX3225SB14318D0GEJZ1
14745.600
CX3225SB14745D0GEJZ1
16000.000
CX3225SB16000D0GEJZ1
18432.000
CX3225SB18432D0GEJZ1
20000.000
CX3225SB20000D0GEJZ1
22579.200
CX3225SB22579D0GEJZ1
24000.000
CX3225SB24000D0GEJZ1
24576.000
CX3225SB24576D0GEJZ1
25000.000
CX3225SB25000D0GEJZ1
26000.000
CX3225SB26000D0GEJZ1
27000.000
CX3225SB27000D0GEJZ1
27120.000
CX3225SB27120D0GEJZ1
30000.000
CX3225SB30000D0GEJZ1
33000.000
CX3225SB33000D0GEJZ1
33333.000
CX3225SB33333D0GEJZ1
40000.000
CX3225SB40000D0GEJZ1
48000.000
CX3225SB48000D0GEJZ1
54000.000
CX3225SB54000D0GEJZ1
Specifications
Item
Symbol
Specification
Units
Remarks
Frequency Range
f_nom
12000 to 54000
kHz
Overtone Order
OT
Fundamental
Load Capacitance
CL
8
pF
Frequency Stability
f_tol
±15
×10-6
25
°C±3°C
Motional Series Resistance
R1
Table 1
ohm
Drive Level
DL
Table 2
μW
Operating Temp. Range
T_use
-10 to +70
°C
Storage Temp. Range
T_stg
-40 to +85
°C
Frequency Temp. Characteristics
f_tem
±15
×10-6
Freq. deviation from the value at 25
°C
• Please contact us for other specifications.
3.2±0.1
1.2
CONNECTION
(TOP VIEW)
GND
HOT
HOT
GND
4-R0.2
#4
#3
#1
#2
#1
#2
#4
#3
1.0
1.0
#4
#3
#1
#2
Dimensions
(Unit: mm)
3.6
1.3
1.3
Recommended Land Pattern
(Unit: mm)
Table1 Motional Series Resistance
Frequency Range Motional Series Resistance
12000 to 12999kHz
200
Ω max.
13000 to 14999kHz
150
Ω max.
15000 to 15999kHz
100
Ω max.
16000 to 19999kHz
80
Ω max.
20000 to 26999kHz
50
Ω max.
27000 to 54000kHz
40
Ω max.
Table2 Level of Drive
Frequency Range
Level of Drive
12000 to 54000kHz
10
μW (100μW max.)


Numéro de pièce similaire - CX3225SB22579D0GEJZ1

FabricantNo de pièceFiches techniqueDescription
logo
Kyocera Kinseki Corpota...
CX3225SB22579D0PESZZ KSS-CX3225SB22579D0PESZZ Datasheet
1Mb / 27P
   Crystal Units Surface Mount Type
More results

Description similaire - CX3225SB22579D0GEJZ1

FabricantNo de pièceFiches techniqueDescription
logo
Kyocera Kinseki Corpota...
CX8045GB KSS-CX8045GB_13 Datasheet
559Kb / 1P
   Crystal Units Surface Mount Type CX8045GB (CX-8045G)
CX8045JA KSS-CX8045JA_12 Datasheet
89Kb / 1P
   Crystal Units Surface Mount Type CX8045JA (CX-17F)
CX2520SB KSS-CX2520SB Datasheet
1Mb / 27P
   Crystal Units Surface Mount Type
logo
List of Unclassifed Man...
NX8045GB ETC2-NX8045GB Datasheet
43Kb / 1P
   SURFACE MOUNT TYPE CRYSTAL UNITS
logo
Kyocera Kinseki Corpota...
CX1008SB KSS-CX1008SB Datasheet
298Kb / 1P
   Crystal units surface mount type
CT2520DB KSS-CT2520DB_18 Datasheet
70Kb / 1P
   Crystal units surface mount type
CX3225SB KSS-CX3225SB Datasheet
66Kb / 1P
   Crystal units surface mount type
CX3225CA KSS-CX3225CA_18 Datasheet
68Kb / 1P
   Crystal units surface mount type
CX2016GR KSS-CX2016GR Datasheet
331Kb / 1P
   Crystal units surface mount type
CX2016SA KSS-CX2016SA Datasheet
296Kb / 1P
   Crystal units surface mount type
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com