Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSS2H-3920K-5L00x Fiches technique(PDF) 1 Page - Bourns Electronic Solutions

No de pièce CSS2H-3920K-5L00x
Description  Current Sense Resistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CSS2H-3920K-5L00x Fiches technique(HTML) 1 Page - Bourns Electronic Solutions

  CSS2H-3920K-5L00x Datasheet HTML 1Page - Bourns Electronic Solutions CSS2H-3920K-5L00x Datasheet HTML 2Page - Bourns Electronic Solutions CSS2H-3920K-5L00x Datasheet HTML 3Page - Bourns Electronic Solutions CSS2H-3920K-5L00x Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ModelCSS2H-3920SeriesCurrentSenseResistor
* RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
**Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine (Cl) content is 900 ppm or less; and (c) the total Bromine (Br)
and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Electrical Characteristics
1 Terminal temperature
2 For full TCR range, refer to TCR curve
3 Tinned copper
Characteristic
Model CSS2H-3920 Series
Resistance Range /
Power Rating @70 °C1 /
Power Rating @130 °C1
CSS2H-3920C-0003
< 0.2 mW / 160 A
CSS2H-3920R-L200x
0.2 mW / 12 W / 5 W
CSS2H-3920R-L300x
0.3 mW / 10 W / 5 W
CSS2H-3920R-L500x
0.5 mW / 9 W / 5 W
CSS2H-3920R-L700x
0.7 mW / 8 W / 5 W
CSS2H-3920R-1L00x
1.0 mW / 8 W / 5 W
CSS2H-3920K-2L00x
2.0 mW / 6 W / 4 W
CSS2H-3920K-2L50x
2.5 mW / 5 W / 3.5 W
CSS2H-3920K-3L00x
3.0 mW / 5 W / 3 W
CSS2H-3920K-4L00x
4.0 mW / 4 W / 2.5 W
CSS2H-3920K-5L00x
5.0 mW / 3 W / 2 W
Operating Temperature Range
-55 to +170 °C
TCR - Resistive Alloy 2
±50 PPM/°C (20~60 °C)
Temperature Coefficient including
Copper Terminals
CSS2H-3920R-L200x
±150 PPM/°C
CSS2H-3920R-L300x
±150 PPM/°C
CSS2H-3920R-L500x
±150 PPM/°C
CSS2H-3920R-L700x
±100 PPM/°C
CSS2H-3920R-1L00x
±100 PPM/°C
CSS2H-3920K-2L00x
±75 PPM/°C
CSS2H-3920K-2L50x
±75 PPM/°C
CSS2H-3920K-3L00x
±75 PPM/°C
CSS2H-3920K-4L00x
±75 PPM/°C
CSS2H-3920K-5L00x
±75 PPM/°C
Resistance Tolerance
±1 %, ±5 %
Environmental Characteristics
Characteristic
Test Condition
D
R Max.
Thermal Shock
-55 to +150 °C / 2000 Cycles
0.50 %
Short Time Overload
5 Times Rated Power for 5 Second Duration
0.50 %
Resistance to Soldering Heat
+260 °C / 10 Seconds
0.50 %
High Temperature Exposure
+170 °C / 2000 Hours
1.00 %
Low Temperature Storage
-65 °C / 24 Hours
0.10 %
Biased Humidity Test
+85 °C, 85 %R.H., 1000 Hours
0.50 %
Moisture Resistance
10 Days with Cold Shock, No Load
0.20 %
Mechanical Shock
100 g, 6 ms half sine
0.20 %
Vibration, High Frequency
20 g, 10-2000 Hz
0.20 %
Load Life
2000 Hours, Max. Load, Terminal Temperature 130 °C
1.00 %
Solderability
J-STD-002
95 % Coverage Min.
ESD
AEC-Q200-002, 25 kV
0.25 %
Board Flex
60 Sec. Min. Holding Time
0.25 %
Typical Part Marking
3920R
1L00 1%
1530
SIZE
MATERIAL TYPE
MANUFACTURER’S
TRADEMARK
DATE CODE:
YYWW
RESISTANCE
TOLERANCE:
F = 1 %
J = 5 %
RESISTANCE
CODE
IN MILLIOHMS:
“L” = DECIMAL POINT
How to Order
CSS 2H - 3920 R - 1L00 F __
Model
No. of Terminals
& Style
Size
Material Type
(See Part Number Table)
Resistance Code (milliohms)
“L” represents decimal point
(examples: L500 = .500 milliohms;
1L00 = 1.00 milliohms)
Resistance Tolerance
F = ±1 %
J = ±5 %
Packaging size
Blank = Standard 13 ” reel
E = Mini 7 ” reel
Features
n
EB welded metal strip
n
Very high power
n
Excellent long term stability
n
Low resistance, low TCR
n
Low thermal EMF
n
RoHS compliant* and halogen free**
n
AEC-Q200 qualified
Applications
n
Current sensing
n
Voltage division
n
Battery management systems
n
Power modules
n
Frequency converters
n
Industrial
392
K
3 L
1 %
1 5 3
6
392
K
3 L
1 %
1 5 3
6


Numéro de pièce similaire - CSS2H-3920K-5L00x

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
CSS2H-3920K-2L00F BOURNS-CSS2H-3920K-2L00F Datasheet
383Kb / 2P
   Current Sense Resistor
CSS2H-3920K-2L00J BOURNS-CSS2H-3920K-2L00J Datasheet
383Kb / 2P
   Current Sense Resistor
CSS2H-3920K-3L00F BOURNS-CSS2H-3920K-3L00F Datasheet
383Kb / 2P
   Current Sense Resistor
CSS2H-3920K-3L00J BOURNS-CSS2H-3920K-3L00J Datasheet
383Kb / 2P
   Current Sense Resistor
More results

Description similaire - CSS2H-3920K-5L00x

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
CSS2H-2512 BOURNS-CSS2H-2512 Datasheet
412Kb / 4P
   Current Sense Resistor
CSS2H-3920R-1L00F BOURNS-CSS2H-3920R-1L00F Datasheet
383Kb / 2P
   Current Sense Resistor
CSM2F-6918 BOURNS-CSM2F-6918 Datasheet
576Kb / 4P
   Current Sense Resistor
CSS2H-5930 BOURNS-CSS2H-5930 Datasheet
421Kb / 4P
   Current Sense Resistor
CSS4J-4026 BOURNS-CSS4J-4026 Datasheet
388Kb / 4P
   Current Sense Resistor
CSS2H-2512R-L500J BOURNS-CSS2H-2512R-L500J Datasheet
377Kb / 2P
   Current Sense Resistor
CSS2H-5930K-1L00F BOURNS-CSS2H-5930K-1L00F Datasheet
385Kb / 2P
   Current Sense Resistor
CSS4J-4026R-1L00F BOURNS-CSS4J-4026R-1L00F Datasheet
352Kb / 2P
   Current Sense Resistor
CST0612 BOURNS-CST0612 Datasheet
623Kb / 4P
   Current Sense Resistor
CSM2F-7036 BOURNS-CSM2F-7036 Datasheet
554Kb / 4P
   Current Sense Resistor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com