Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD-MBL208SL Datasheet(Fiches technique) 2 Page - Bourns Electronic Solutions

Numéro de pièce CD-MBL208SL
Description  Surface Mount Bridge Rectifier Diode
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD-MBL208SL Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CD-MBL208SL Datenblatt HTML 1Page - Bourns Electronic Solutions CD-MBL208SL Datasheet HTML 2Page - Bourns Electronic Solutions CD-MBL208SL Datenblatt HTML 3Page - Bourns Electronic Solutions CD-MBL208SL Datenblatt HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferent
applicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
CD-MBL2xxS(L)SeriesSurfaceMountBridgeRectifierDiode
Rating and Characteristic Curves
Forward Current Derating Curve
Maximum Non-Repetitive Peak Forward Surge Current
Forward Characteristics (CD2320-B2xxx)
Typical Junction Capacitance
Forward Characteristics (CD-MBL2xxS(L))
1.5
2.0
2.5
1.0
0.5
0
50
175
150
125
025
60 Hz Resistive
or Inductive Load
100
75
Ambient Temperature (°C)
30
40
50
60
20
10
0
110
100
Number of Cycles at 60 Hz
0.01
10.0
1.0
0.10
100
020406080
100
140
120
Percent of Rated Peak Reverse Voltage (%)
1
10
100
0.1 0.2 0.4
12
4102040
100
Reverse Voltage (Volts)
CD-MBL2xxS
CD-MBL2xxS
CD-MBL2xxSL
CD-MBL2xxSL
CD-MBL2xxS
CD-MBL2xxSL
10.00
0.10
0.01
0.3
0.6
0.4
0.7
0.5
1.1
1.0
0.9
0.8
Instantaneous Forward Voltage (Volts)
1.00
TJ = 150 °C
TJ = 125 °C
TJ = 100 °C
TJ = 25 °C
10.00
0.10
0.01
0.3
0.6
0.4
0.7
0.5
1.1
1.0
0.9
0.8
Instantaneous Forward Voltage (Volts)
1.00
TJ = 150 °C
TJ = 125 °C
TJ = 100 °C
TJ = 25 °C
Reverse Characteristics


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn