Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD-MBL2XXS Datasheet(Fiches technique) 1 Page - Bourns Electronic Solutions

Numéro de pièce CD-MBL2XXS
Description  Surface Mount Bridge Rectifier Diode
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD-MBL2XXS Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CD-MBL2XXS Datasheet HTML 1Page - Bourns Electronic Solutions CD-MBL2XXS Datenblatt HTML 2Page - Bourns Electronic Solutions CD-MBL2XXS Datenblatt HTML 3Page - Bourns Electronic Solutions CD-MBL2XXS Datenblatt HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
n
RoHScompliant*
n
Lowpowerlossandhighefficiency
n
Highcurrentcapability
n
Lowprofilepackage
Applications
n
ACoperatedproducts
n
Computermonitors
n
Set-topboxes
n
Cablemodems
CD-MBL2xxS(L)SeriesSurfaceMountBridgeRectifierDiode
*RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Absolute Maximum Ratings (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
CD-
Unit
MBL206S MBL208S MBL210S MBL206SL MBL208SL MBL210SL
Maximum Repetitive
Peak Reverse Voltage
VRRM
600
800
1000
600
800
1000
V
Maximum Average Forward Rectified
Current (TA = 55 °C)
IF(AV)
2.0
A
Peak Forward Surge Current 8.3 ms
Single Half Sine-Wave Superimposed
on Rated Load (JEDEC Method)
IFSM
50.0
60.0
A
Operating Temperature Range
TJ
-55 to +175
°C
Storage Temperature Range
TSTG
-55 to +175
°C
General Information
The markets of portable communications, computing and video equipment are
challenging the semiconductor industry to develop increasingly smaller electronic
components.
Bourns offers Bridge Rectifier Diodes for rectification applications in compact chip package
0.23 ˝ x 0.20 ˝ size format, which offers PCB real estate savings and are considerably smaller
than standard parts. The Bridge Rectifier Diodes offer a forward current of 2 A with a choice
of repetitive peak reverse voltages between 600 V and 1000 V.
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
CD-MBL2xxS(L)
Unit
Test Conditions
Min.
Typ.
Max.
Instantaneous Forward Voltage
VF
IF = 2 A
CD-MBL2xxS
0.95
1.0
V
CD-MBL2xxSL
0.94
0.96
Repetitive Peak Reverse Current
IRRM VR = VRRM TA = +25 °C
0.08
5.0
µA
Junction Capacitance
CJ
VR = 4 V,
f = 1.0 MHz
CD-MBL2xxS
25
pF
CD-MBL2xxSL
35
Thermal Resistance, Junction to Air (1)
RΘJA
CD-MBL2xxS
95
°C / W
CD-MBL2xxSL
95
Thermal Resistance, Junction to Lead (1)
RΘJL
CD-MBL2xxS
15
°C / W
CD-MBL2xxSL
15
NOTE 1: Measured when mounted on PCB with 5.0 mm x 5.0 mm (0.2 “ x 0.2 “) copper pad areas.
4
1
+
3
~
2
~


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn