Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD-HD004 Datasheet(Fiches technique) 3 Page - Bourns Electronic Solutions

Numéro de pièce CD-HD004
Description  Surface Mount Schottky Bridge Rectifier Diode
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD-HD004 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CD-HD004 Datenblatt HTML 1Page - Bourns Electronic Solutions CD-HD004 Datenblatt HTML 2Page - Bourns Electronic Solutions CD-HD004 Datasheet HTML 3Page - Bourns Electronic Solutions CD-HD004 Datenblatt HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3312-2mmSMDTrimmingPotentiometer
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
CD-HD0xSeriesSurfaceMountSchottkyBridgeRectifierDiode
Product Dimensions
This is an RoHS2 compliant product, packaged with FRP substrate and is epoxy underfilled. The terminals are pure tin plated (lead free) and
aresolderable per MIL-STD-750, Method 2026. The package and dimensions are shown below.
Recommended Footprint
How to Order
CD - HD 004
Common Code
Chip Diode
Package
HD = HD Bridge Series
Reverse Voltage
004 = 40 V
006 = 60 V
01 = 100 V
MM
(INCHES)
DIMENSIONS:
2.54±0.05
(0.100±0.002)
6.15±0.1
(0.242±0.004)
1.4±0.05
(0.055±0.002)
1.0±0.05
(0.039±0.002)
B
D
E
C
F
A
MM
(INCHES)
DIMENSIONS:
TOP VIEW
Dimensions
A
4.65 - 4.85
(0.183 - 0.191)
B
2.49 - 2.59
(0.098 - 0.102)
C
6.05 - 6.25
(0.238 - 0.246)
D
0.95 - 1.05
(0.037 - 0.041)
E
1.35 - 1.45
(0.053 - 0.057)
F
0.92 - 1.22
(0.036 - 0.048)
Typical Part Marking
MANUFACTURER S
TRADEMARK
VRMS
40 = 40 V
60 = 60 V
100 = 100 V
DATE CODE
FORWARD
CURRENT
x 100 mA
10
60


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn