Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD-DF408S Fiches technique(PDF) 2 Page - Bourns Electronic Solutions

No de pièce CD-DF408S
Description  Surface Mount Bridge Rectifier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD-DF408S Fiches technique(HTML) 2 Page - Bourns Electronic Solutions

  CD-DF408S Datasheet HTML 1Page - Bourns Electronic Solutions CD-DF408S Datasheet HTML 2Page - Bourns Electronic Solutions CD-DF408S Datasheet HTML 3Page - Bourns Electronic Solutions CD-DF408S Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3312-2mmSMDTrimmingPotentiometer
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferent
applicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
CD-DF4xxS(L)SeriesSurfaceMountBridgeRectifierDiode
Rating and Characteristic Curves
Forward Current Derating Curve
Maximum Non-Repetitive Peak Forward Surge Current
Forward Characteristics
Typical Junction Capacitance
Reverse Characteristics
2
1
4
5
3
0
0255075
100
125
150
175
60 Hz Resistive or
Inductive load
Pulse Width 8.3 ms
Single Half-Sine-Wave
0
50
100
150
200
110
100
0.01
0
0.10
1.0
10.0
100
TJ =100
oC
TJ =25
oC
20
40
60
80
120
140
100
0.10
1.00
10.00
0.01
00.2
0.40.6
0.81.0
1.21.3
TJ=25
oC
TJ =25
oC
f=1.0 MHz
Vsig =50 mVP-P
.1
1
100
1.02
4102040
100
10
CD-DF4xxS
CD-DF4xxSL
Ambient Temperature (°C)
Number of Cycles at 60 Hz
Instantaneous Forward Voltage (Volts)
Percent of Rated Peak Reverse Voltage (%)
Reverse Voltage (Volts)


Numéro de pièce similaire - CD-DF408S

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
CD-DF408S BOURNS-CD-DF408S Datasheet
207Kb / 5P
   CD-DF4xxS(L) Series Surface Mount Bridge Rectifier Diode
REV. 08/19
CD-DF408SL BOURNS-CD-DF408SL Datasheet
207Kb / 5P
   CD-DF4xxS(L) Series Surface Mount Bridge Rectifier Diode
REV. 08/19
More results

Description similaire - CD-DF408S

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
CD-MBL2XXS BOURNS-CD-MBL2XXS Datasheet
282Kb / 4P
   Surface Mount Bridge Rectifier Diode
CD-MBL1XXS BOURNS-CD-MBL1XXS Datasheet
281Kb / 4P
   Surface Mount Bridge Rectifier Diode
CDTO269-BR1XL BOURNS-CDTO269-BR1XL Datasheet
407Kb / 4P
   Surface Mount Bridge Rectifier Diode
CD-MBL1XXSL BOURNS-CD-MBL1XXSL Datasheet
313Kb / 4P
   Surface Mount Bridge Rectifier Diode
CD-HD0X BOURNS-CD-HD0X Datasheet
267Kb / 4P
   Surface Mount Schottky Bridge Rectifier Diode
CD-HD2X BOURNS-CD-HD2X Datasheet
298Kb / 5P
   Surface Mount Schottky Bridge Rectifier Diode
CD-MMBL110S BOURNS-CD-MMBL110S Datasheet
183Kb / 5P
   CD-MMBL110S Surface Mount Bridge Rectifier Diode
10/21
logo
YENYO TECHNOLOGY Co., L...
B1S YENYO-B1S Datasheet
525Kb / 2P
   Surface Mount Bridge Rectifier
logo
Rugao Dachang Electroni...
DB101S DACHANG-DB101S_15 Datasheet
126Kb / 2P
   Surface Mount Bridge-Rectifier
logo
Pan Jit International I...
U01501BRM PANJIT-U01501BRM Datasheet
145Kb / 3P
   SURFACE MOUNT BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com