Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LDW5SM-4S4T-35 Fiches technique(PDF) 4 Page - OSRAM GmbH

No de pièce LDW5SM-4S4T-35
Description  white SMD package, colorless clear silicone resin
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LDW5SM-4S4T-35 Fiches technique(HTML) 4 Page - OSRAM GmbH

  LDW5SM-4S4T-35 Datasheet HTML 1Page - OSRAM GmbH LDW5SM-4S4T-35 Datasheet HTML 2Page - OSRAM GmbH LDW5SM-4S4T-35 Datasheet HTML 3Page - OSRAM GmbH LDW5SM-4S4T-35 Datasheet HTML 4Page - OSRAM GmbH LDW5SM-4S4T-35 Datasheet HTML 5Page - OSRAM GmbH LDW5SM-4S4T-35 Datasheet HTML 6Page - OSRAM GmbH LDW5SM-4S4T-35 Datasheet HTML 7Page - OSRAM GmbH LDW5SM-4S4T-35 Datasheet HTML 8Page - OSRAM GmbH LDW5SM-4S4T-35 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
2015-08-20
4
Version 2.2
LD W5SM
Characteristics (T
S = 25 °C; IF = 350 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λ
peak
449
nm
Dominant Wavelength 2) page 20
Dominantwellenlänge 2) Seite 20
(min.)
(typ.)
(max.)
λ
dom
λ
dom
λ
dom
449
455
461
nm
nm
nm
Spectral bandwidth at 50% I
rel max
Spektrale Bandbreite b. 50% I
rel max
(typ.)
∆λ
25
nm
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
120
°
Forward voltage 3) page 20
Durchlassspannung 3) Seite 20
(min.)
(typ.)
(max.)
V
F
V
F
V
F
2.70
3.20
3.70
V
V
V
Reverse current
Sperrstrom
I
R
not designed for
reverse operation
Optical Efficiency
optischer Wirkungsgrad
(typ.)
η
opt
49
%
Real thermal resistance junction / solder point
4) page 20
Realer Wärmewiderstand Sperrschicht / Lötpad
4) Seite 20
(typ.)
(max.)
R
th JS real
R
th JS real
6.5
11
K/W
K/W


Numéro de pièce similaire - LDW5SM-4S4T-35

FabricantNo de pièceFiches techniqueDescription
logo
OSRAM GmbH
LDW5SM OSRAM-LDW5SM Datasheet
674Kb / 21P
   Scanners
More results

Description similaire - LDW5SM-4S4T-35

FabricantNo de pièceFiches techniqueDescription
logo
OSRAM GmbH
LD-MVSG OSRAM-LD-MVSG Datasheet
671Kb / 21P
   white SMD package, colorless clear silicone resin
LB-W5SG OSRAM-LB-W5SG Datasheet
623Kb / 16P
   white SMD package, colorless clear silicone resin
LD-W5SN OSRAM-LD-W5SN Datasheet
679Kb / 20P
   white SMD package, colorless clear silicone resin
LD-W5SM OSRAM-LD-W5SM Datasheet
1Mb / 22P
   white SMD package, colorless clear silicone resin
LT-MTSG OSRAM-LT-MTSG Datasheet
1Mb / 21P
   white SMD package, colorless clear silicone resin
LAW5SM-JYKY-24-1 OSRAM-LAW5SM-JYKY-24-1 Datasheet
615Kb / 21P
   white SMD package, colorless clear silicone resin
LB-W5SM OSRAM-LB-W5SM Datasheet
1Mb / 22P
   white SMD package, colorless clear silicone resin
LR-W5SM OSRAM-LR-W5SM Datasheet
611Kb / 21P
   white SMD package, colorless clear silicone resin
LY-W5SM OSRAM-LY-W5SM Datasheet
645Kb / 21P
   white SMD package, colorless clear silicone resin
LT-W5SM OSRAM-LT-W5SM Datasheet
1Mb / 22P
   white SMD package, colorless clear silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com