Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

90391-3 Fiches technique(PDF) 5 Page - Tyco Electronics

No de pièce 90391-3
Description  Pnuematic Platform Adapters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

90391-3 Fiches technique(HTML) 5 Page - Tyco Electronics

  90391-3 Datasheet HTML 1Page - Tyco Electronics 90391-3 Datasheet HTML 2Page - Tyco Electronics 90391-3 Datasheet HTML 3Page - Tyco Electronics 90391-3 Datasheet HTML 4Page - Tyco Electronics 90391-3 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
408- 4098
Pneumatic Platform Adapters 679992- 1 and 679992- 2
5
of 5
Rev D
Tyco Electronics Corporation
2
16
15
14
4
11
17
13
12
1
10
7
8
6
3
5
9
REPLACEMENT PARTS
ITEM
PART NUMBER
DESCRIPTION
QUANTITY PER ADAPTER
1
217450--1
Jaw, Assembly, Bottom
1
2
217451--1
Jaw, Assembly, Top
1
3
679261--1
Link
2
4
21061--1
Setscrew, Socket Head
2
5
310952--2
Jaw, Platform
1
6
122637--1
Pin, Toggle Link
1
7
122701--1
Spring }
1
8
312388--1
Locator Assembly g
1
9
3--23620--3
Pin, Straight Groove }
2
10
21045--6
Ring, Retaining }
4
11
314479--2
Roller }
4
12
6--23629--1
Pin, Straight Groove
2
13
1--21048--0
Ring, Retaining
4
14
21028--8
Pin, Slotted Spring
1
15
310690--1
Spring, Extension
1
16
679495--2
Pin
1
301185--6
Shim, 0.20 mm [.008 in.] D
At Request
17
301185--7
Shim, 0.25 mm [.010 in.] D
At Request
17
301185--8
Shim, 0.30 mm [.012 in.] D
At Request
301185--9
Shim, 0.38 mm [.015 in.] D
At Request
D
Add Shim to reduce gap by 0.18 mm [.007 in.] (max.) between Link (Item 3) and Retaining Ring (Item 10).
}
Recommended Spare Parts
g
Locator Assembly (Item 8 ) is not a component of Adapter 679992--2.
Figure 5


Numéro de pièce similaire - 90391-3

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
90391-3 TEC-90391-3 Datasheet
138Kb / 5P
   Crimping Die Assemblies
More results

Description similaire - 90391-3

FabricantNo de pièceFiches techniqueDescription
logo
Balluff Korea Ltd.
BCC0F2Y BALLUFF-BCC0F2Y Datasheet
101Kb / 2P
   Adapters
0.61_2022-07-11
BCC0F2T BALLUFF-BCC0F2T Datasheet
102Kb / 2P
   Adapters
0.54_2022-07-16
BCC0F47 BALLUFF-BCC0F47 Datasheet
100Kb / 2P
   Adapters
0.54_2022-07-11
BCC0F2U BALLUFF-BCC0F2U Datasheet
102Kb / 2P
   Adapters
0.58_2022-07-11
BCC0HKZ BALLUFF-BCC0HKZ Datasheet
153Kb / 2P
   Adapters
0.62_2022-07-15
logo
Glenair, Inc.
M24758-22C16 GLENAIR-M24758-22C16 Datasheet
50Kb / 2P
   Adapters
logo
Tumbler Technologies + ...
SPU45E TRUMPOWER-SPU45E Datasheet
58Kb / 1P
   Desktop Adapters
logo
Glenair, Inc.
M83538-9S-09 GLENAIR-M83538-9S-09 Datasheet
71Kb / 1P
   Adapters/Extenders
logo
Molex Electronics Ltd.
106004 MOLEX10-106004 Datasheet
175Kb / 1P
   Bezel Adapters
logo
Glenair, Inc.
M28840-23JW GLENAIR-M28840-23JW Datasheet
72Kb / 1P
   EMI Adapters
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com