Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUZ941Z-220 Fiches technique(PDF) 2 Page - Inchange Semiconductor Company Limited

No de pièce BUZ941Z-220
Description  isc Silicon NPN Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUZ941Z-220 Fiches technique(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUZ941Z-220 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUZ941Z-220 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
BU941Z
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 50mA; IB= 0
400
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 8 A; IB= 100mA
1.6
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 10 A; IB= 250mA
1.8
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= 8 A; IB= 100mA
2.2
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= 10 A; IB= 250mA
2.5
V
ICES
Collector Cutoff Current
VCE= 500V;VBE= 0
VCE= 500V;VBE= 0;Tj=125℃
0.1
0.5
mA
ICEO
Collector Cutoff Current
VCE= 450V;IB= 0
VCE= 450V;IB= 0;Tj= 125℃
0.1
0.5
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
20
mA
hFE
DC Current Gain
IC= 5A ; VCE= 10V
300
VECF
C-E Diode Forward Voltage
IF= 10A
2.5
V
Pulse test:Pulse width≤300us,duty cycle ≤1.5%


Numéro de pièce similaire - BUZ941Z-220

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BUZ90 SIEMENS-BUZ90 Datasheet
176Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Inchange Semiconductor ...
BUZ90 ISC-BUZ90 Datasheet
65Kb / 2P
   Easy driver for cost effective application
logo
List of Unclassifed Man...
BUZ900 ETC1-BUZ900 Datasheet
43Kb / 4P
   N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
BUZ900 NJSEMI-BUZ900 Datasheet
82Kb / 2P
   N-CHANNEL POWER MOSFET
logo
List of Unclassifed Man...
BUZ900DP ETC-BUZ900DP Datasheet
45Kb / 3P
   N-CHANNEL POWER MOSFET
More results

Description similaire - BUZ941Z-220

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
BUV20 ISC-BUV20 Datasheet
194Kb / 2P
   isc Silicon NPN Power Transistor
BUV48I ISC-BUV48I Datasheet
209Kb / 2P
   isc Silicon NPN Power Transistor
BUV51 ISC-BUV51 Datasheet
192Kb / 2P
   isc Silicon NPN Power Transistor
BUV52A ISC-BUV52A Datasheet
191Kb / 2P
   isc Silicon NPN Power Transistor
2N6496 ISC-2N6496 Datasheet
141Kb / 2P
   isc Silicon NPN Power Transistor
2N6545 ISC-2N6545 Datasheet
143Kb / 2P
   isc Silicon NPN Power Transistor
MJD148 ISC-MJD148 Datasheet
244Kb / 2P
   isc Silicon NPN Power Transistor
TIP35CF ISC-TIP35CF Datasheet
156Kb / 2P
   isc Silicon NPN Power Transistor
2SB1412 ISC-2SB1412 Datasheet
265Kb / 3P
   isc Silicon NPN Power Transistor
MJ1800 ISC-MJ1800 Datasheet
140Kb / 2P
   isc Silicon NPN Power Transistor
KSH47 ISC-KSH47 Datasheet
348Kb / 3P
    isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com