Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD37524FS Fiches technique(PDF) 3 Page - Rohm

No de pièce BD37524FS
Description  Sound Processor with Built-in 3-band Equalizer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD37524FS Fiches technique(HTML) 3 Page - Rohm

  BD37524FS Datasheet HTML 1Page - Rohm BD37524FS Datasheet HTML 2Page - Rohm BD37524FS Datasheet HTML 3Page - Rohm BD37524FS Datasheet HTML 4Page - Rohm BD37524FS Datasheet HTML 5Page - Rohm BD37524FS Datasheet HTML 6Page - Rohm BD37524FS Datasheet HTML 7Page - Rohm BD37524FS Datasheet HTML 8Page - Rohm BD37524FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
BD37524FS
3/31
TSZ02201-0C2C0E100490-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
16.Dec.2015 Rev.001
Block Diagram
GND
VCC/2
Volume/Mute
3 Band P-EQ
(Tone control)
Loudness
LPF
Input Gain
GND
ISO amp
Input selector (4 single-end and 1 stereo ISO)
14
100k
100k
100k
100k
250k
GND
ISO amp
250k
250k
250k
250k
250k
250k
Level
meter
VCC
I2C BUS LOGIC
■Fader
Gain:+15dB~-79dB/1dB step
★no pop noise
■LPF
fc=55/85/120/160Hz
■Loudness
Gain:20dB~0dB/1dB step
★no pop noise
・f0=250/400/800Hz
・Hicut:1/2/3/4
■3 Band P-EQ (Tone control)
Gain:+20dB~-20dB/1dB step
★no pop noise
・Bass:f0=60/80/100/120Hz
Q=0.5/1.0/1.5/2.0
・Meddle:f0=500/1k/1.5k/2.5kHz
Q=0.75/1/1.25/1.5
・Treble:f0=7.5k/10k/12.5k/15kHz
Q=0.75/1.25
■Volume
Gain:+15dB~-79dB/1dB step
★no pop noise
■Input Gain
Gain:+20dB~0dB/1dB step
★no pop noise
1
2
3
4
5
6
7
8
9
10
11
12
13
24
23
22
21
20
19
18
17
16
15
Fader
Gain:+15dB to -79dB/1dB step
Loudness
Gain: 20dB to 0dB/1dB step
Gain: +20dB to -20dB/1dB
Gain: +15dB to -79dB/1dB step
Gain: +20dB to 0dB/1dB step


Numéro de pièce similaire - BD37524FS

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD37524FS ROHM-BD37524FS Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
BD37524FS ROHM-BD37524FS Datasheet
527Kb / 26P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS-E2 ROHM-BD37524FS-E2 Datasheet
527Kb / 26P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS_1003 ROHM-BD37524FS_1003 Datasheet
527Kb / 26P
   Sound Processor with Built-in 3-band Equalizer
More results

Description similaire - BD37524FS

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37532FV ROHM-BD37532FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS_1003 ROHM-BD37524FS_1003 Datasheet
527Kb / 26P
   Sound Processor with Built-in 3-band Equalizer
BD37534FV ROHM-BD37534FV_15 Datasheet
4Mb / 39P
   Sound Processor with Built-in 3-band Equalizer
BD37533FV ROHM-BD37533FV_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37542FS ROHM-BD37542FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37544FS ROHM-BD37544FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
BD37541FS ROHM-BD37541FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37543FS ROHM-BD37543FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
BD37522FS ROHM-BD37522FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com