Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGW75M65DF2 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce STGW75M65DF2
Description  Trench gate field-stop IGBT, M series 650 V, 75 A low loss
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW75M65DF2 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button STGW75M65DF2 Datasheet HTML 6Page - STMicroelectronics STGW75M65DF2 Datasheet HTML 7Page - STMicroelectronics STGW75M65DF2 Datasheet HTML 8Page - STMicroelectronics STGW75M65DF2 Datasheet HTML 9Page - STMicroelectronics STGW75M65DF2 Datasheet HTML 10Page - STMicroelectronics STGW75M65DF2 Datasheet HTML 11Page - STMicroelectronics STGW75M65DF2 Datasheet HTML 12Page - STMicroelectronics STGW75M65DF2 Datasheet HTML 13Page - STMicroelectronics STGW75M65DF2 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Electrical characteristics
STGW75M65DF2, STGWA75M65DF2
10/17
DocID028695 Rev 2
Figure 26: Reverse recovery energy vs. diode current slope
Figure 27: Thermal impedance for IGBT
Figure 28: Thermal impedance for diode


Numéro de pièce similaire - STGW75M65DF2

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGW100N30 STMICROELECTRONICS-STGW100N30 Datasheet
699Kb / 13P
   90 A - 330 V - fast IGBT
February 2009 Rev 1
STGW10M65DF2 STMICROELECTRONICS-STGW10M65DF2 Datasheet
928Kb / 16P
   Trench gate field-stop IGBT, M series 650 V, 10 A low loss
STGW12NB60H STMICROELECTRONICS-STGW12NB60H Datasheet
86Kb / 8P
   N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
STGW12NB60HD STMICROELECTRONICS-STGW12NB60HD Datasheet
90Kb / 8P
   N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
STGW15H120DF2 STMICROELECTRONICS-STGW15H120DF2 Datasheet
832Kb / 18P
   Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
March 2015 Rev 5
More results

Description similaire - STGW75M65DF2

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGF15M65DF2 STMICROELECTRONICS-STGF15M65DF2 Datasheet
910Kb / 15P
   Trench gate field-stop IGBT M series, 650 V 15 A low loss
STGP20M65DF2 STMICROELECTRONICS-STGP20M65DF2 Datasheet
520Kb / 16P
   Trench gate field-stop, 650 V, 20 A, M series low-loss IGBT
DS11374 - Rev 3 - October 2018
STGYA120M65DF2 STMICROELECTRONICS-STGYA120M65DF2 Datasheet
958Kb / 16P
   Trench gate field-stop IGBT, M series 650 V, 120 A low loss
STGF4M65DF2 STMICROELECTRONICS-STGF4M65DF2 Datasheet
983Kb / 16P
   Trench gate field-stop IGBT, M series 650 V, 4 A low loss
STGWA50M65DF2 STMICROELECTRONICS-STGWA50M65DF2 Datasheet
971Kb / 16P
   Trench gate field-stop IGBT, M series 650 V, 50 A low loss
STGD4M65DF2 STMICROELECTRONICS-STGD4M65DF2 Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, M series 650 V, 4 A low loss
STGB4M65DF2 STMICROELECTRONICS-STGB4M65DF2 Datasheet
1Mb / 18P
   Trench gate field-stop IGBT, M series 650 V, 4 A low loss
STGD4M65DF2 STMICROELECTRONICS-STGD4M65DF2_V01 Datasheet
448Kb / 20P
   Trench gate field-stop, 650 V, 4 A, M series low-loss IGBT
Rev 5 - December 2018
STGP6M65DF2 STMICROELECTRONICS-STGP6M65DF2 Datasheet
958Kb / 17P
   Trench gate field-stop IGBT, M series 650 V, 6 A low loss
STGP10M65DF2 STMICROELECTRONICS-STGP10M65DF2 Datasheet
945Kb / 18P
   Trench gate field-stop IGBT, M series 650 V, 10 A low loss
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com