Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4040CYM3-5.0 Fiches technique(PDF) 2 Page - Micrel Semiconductor

No de pièce LM4040CYM3-5.0
Description  Precision Micropower Shunt Voltage Reference
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM4040CYM3-5.0 Fiches technique(HTML) 2 Page - Micrel Semiconductor

  LM4040CYM3-5.0 Datasheet HTML 1Page - Micrel Semiconductor LM4040CYM3-5.0 Datasheet HTML 2Page - Micrel Semiconductor LM4040CYM3-5.0 Datasheet HTML 3Page - Micrel Semiconductor LM4040CYM3-5.0 Datasheet HTML 4Page - Micrel Semiconductor LM4040CYM3-5.0 Datasheet HTML 5Page - Micrel Semiconductor LM4040CYM3-5.0 Datasheet HTML 6Page - Micrel Semiconductor LM4040CYM3-5.0 Datasheet HTML 7Page - Micrel Semiconductor LM4040CYM3-5.0 Datasheet HTML 8Page - Micrel Semiconductor LM4040CYM3-5.0 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Micrel, Inc.
LM4040/LM4041
June 24, 2014
2
Revision 3.0
Ordering Information
Part Number
Marking
Voltage
Accuracy, Temp. Coefficient
Package
LM4040CYM3-2.5
Y2C
2.500V
±0.5%, 100ppm/°C
3-Pin SOT-23
LM4040DYM3-2.5
Y2D
2.500V
±1.0%, 150ppm/°C
3-Pin SOT-23
LM4040CYM3-4.1
Y4C
4.096V
±0.5%, 100ppm/°C
3-Pin SOT-23
LM4040DYM3-4.1
Y4D
4.096V
±1.0%, 150ppm/°C
3-Pin SOT-23
LM4040CYM3-5.0
Y5C
5.000V
±0.5%, 100ppm/°C
3-Pin SOT-23
LM4040DYM3-5.0
Y5D
5.000V
±1.0%, 150ppm/°C
3-Pin SOT-23
LM4041CYM3-1.2
Y1C
1.225V
±0.5%, 100ppm/°C
3-Pin SOT-23
LM4041DYM3-1.2
Y1D
1.225V
±1.0%, 150ppm/°C
3-Pin SOT-23
LM4041CYM3-ADJ
YAC
1.24V to 10V
±0.5%, 100ppm/°C
3-Pin SOT-23
LM4041DYM3-ADJ
YAD
1.24V to 10V
±1.0%, 150ppm/°C
3-Pin SOT-23
Pin Configuration
SOT-23 (M3)
Fixed Version
SOT-23 (M3)
Adjustable Version
Pin Description
Pin Number
Fixed
Pin Number
Adjustable
Pin Name
Pin Function
1
2
+
Cathode, connect to positive voltage.
-
1
FB
Feedback, connect to a resistive divider network to set the output voltage.
2
3
-
Anode, connect to negative voltage.
3
-
NC
Not internally connected. This pin must be left floating or connected to
– (Pin 2).


Numéro de pièce similaire - LM4040CYM3-5.0

FabricantNo de pièceFiches techniqueDescription
logo
Zetex Semiconductors
LM4040C ZETEX-LM4040C Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
logo
ON Semiconductor
LM4040C ONSEMI-LM4040C Datasheet
168Kb / 14P
   Precision Micro-Power Shunt Voltage References
July, 2013 ??Rev. 4
logo
Silicon Supplies
LM4040C-1.2 SS-LM4040C-1.2 Datasheet
594Kb / 4P
   Voltage Reference
Rev 1.1 28/07/22
LM4040C-10 SS-LM4040C-10 Datasheet
421Kb / 4P
   Voltage Reference
Rev 1.0 26/10/23
LM4040C-2.5 SS-LM4040C-2.5 Datasheet
595Kb / 4P
   Voltage Reference
Rev 1.1 29/07/22
More results

Description similaire - LM4040CYM3-5.0

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com