Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRGP30B120KD-E Fiches technique(PDF) 3 Page - International Rectifier

No de pièce IRGP30B120KD-E
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRGP30B120KD-E Fiches technique(HTML) 3 Page - International Rectifier

  IRGP30B120KD-E Datasheet HTML 1Page - International Rectifier IRGP30B120KD-E Datasheet HTML 2Page - International Rectifier IRGP30B120KD-E Datasheet HTML 3Page - International Rectifier IRGP30B120KD-E Datasheet HTML 4Page - International Rectifier IRGP30B120KD-E Datasheet HTML 5Page - International Rectifier IRGP30B120KD-E Datasheet HTML 6Page - International Rectifier IRGP30B120KD-E Datasheet HTML 7Page - International Rectifier IRGP30B120KD-E Datasheet HTML 8Page - International Rectifier IRGP30B120KD-E Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IRGP30B120KD-E
www.irf.com
3
Fig.1 - Maximum DC Collector
Current vs. Case Temperature
0
10
20
30
40
50
60
70
0
40
80
120
160
T C (°C)
Fig.2 - Power Dissipation vs. Case
Temperature
0
40
80
120
160
200
240
280
320
0
40
80
120
160
T C (°C)
Fig.3 - Forward SOA
T C=25°C; Tj < 150°C
0.1
1
10
100
1000
1
10
100
1000
10000
V CE (V)
DC
10ms
1ms
100µs
10µ s
2µs
PULSED
Fig.4 - Reverse Bias SOA
Tj = 150°C, V GE = 15V
1
10
100
1000
1
10
100
1000
10000
V CE (V)


Numéro de pièce similaire - IRGP30B120KD-E

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRGP30B120KD-EP IRF-IRGP30B120KD-EP Datasheet
174Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP30B120KD-EPBF IRF-IRGP30B120KD-EPBF Datasheet
297Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP30B120KD-EPBF IRF-IRGP30B120KD-EPBF_15 Datasheet
297Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Description similaire - IRGP30B120KD-E

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com