Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC52N3027ECTTR Fiches technique(PDF) 10 Page - Microchip Technology

No de pièce TC52N3027ECTTR
Description  Dual-Channel Voltage Detector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC52N3027ECTTR Fiches technique(HTML) 10 Page - Microchip Technology

Back Button TC52N3027ECTTR Datasheet HTML 4Page - Microchip Technology TC52N3027ECTTR Datasheet HTML 5Page - Microchip Technology TC52N3027ECTTR Datasheet HTML 6Page - Microchip Technology TC52N3027ECTTR Datasheet HTML 7Page - Microchip Technology TC52N3027ECTTR Datasheet HTML 8Page - Microchip Technology TC52N3027ECTTR Datasheet HTML 9Page - Microchip Technology TC52N3027ECTTR Datasheet HTML 10Page - Microchip Technology TC52N3027ECTTR Datasheet HTML 11Page - Microchip Technology TC52N3027ECTTR Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
 2001-2015 Microchip Technology Inc.
DS20001430E-page 10
TC52
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
-X
XX
Package
Temperature
Range
Device
Device:
TC52N3027ECTTR: 3.0V and 2.7V Dual Channel Voltage
Detector (Tape and Reel)
TC52N4527ECTTR: 4.5V and 2.7V Dual Channel Voltage
Detector (Tape and Reel)
Output Configuration:
N = Open Drain
Detected Voltage 1:
30 = 3.0V
45 = 4.5V
Detected Voltage 2:
27 = 2.7V
Temperature Range:
E= -40
°C to +125°C
Package:
CT = Plastic Small Outline Transistor (CT), 5-Lead
Examples:
a) TC52N3027ECTTR: 3.0V and 2.7V
Dual Channel Voltage Detector,
5LD SOT-23 package,
Tape and Reel
b) TC52N4527ECTTR: 4.5V and 2.7V
Dual Channel Voltage Detector,
5LD SOT-23 package,
Tape and Reel
XX
Tape and Reel
XX
Detected
Voltage 1
XX
Detected
Voltage 2
X
Output
Configuration


Numéro de pièce similaire - TC52N3027ECTTR

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC52 MICROCHIP-TC52 Datasheet
515Kb / 10P
   Dual Channel Voltage Detector
2002
logo
Cornell Dubilier Electr...
TC52 CDE-TC52 Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
logo
SELEC Controls Pvt. Ltd
TC52 SELEC-TC52 Datasheet
433Kb / 1P
   Analog Temperature Controller
TC52-400-J-230 SELEC-TC52-400-J-230 Datasheet
433Kb / 1P
   Analog Temperature Controller
TC52-400-K-230 SELEC-TC52-400-K-230 Datasheet
433Kb / 1P
   Analog Temperature Controller
More results

Description similaire - TC52N3027ECTTR

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC52 MICROCHIP-TC52 Datasheet
515Kb / 10P
   Dual Channel Voltage Detector
2002
TC52 MICROCHIP-TC52_13 Datasheet
182Kb / 12P
   Dual Channel Voltage Detector
11/27/12 2001-2012
logo
PerkinElmer Optoelectro...
LHI814 PERKINELMER-LHI814 Datasheet
237Kb / 1P
   Dual Channel Detector
logo
ELM Technology Corporat...
ELM77221B-S ELM-TECH-ELM77221B-S Datasheet
130Kb / 11P
   CMOS Dual voltage detector
ELM77-SERIES ELM-TECH-ELM77-SERIES Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM772209BC-S ELM-TECH-ELM772209BC-S Datasheet
1Mb / 10P
   CMOS Dual voltage detector
logo
ELM Electronics
ELM77 ELM-ELM77 Datasheet
1Mb / 10P
   CMOS Dual voltage detector
logo
ELM Technology Corporat...
ELM77 ELM-TECH-ELM77 Datasheet
966Kb / 10P
   CMOS Dual voltage detector
logo
Diodes Incorporated
ZLNB2015 DIODES-ZLNB2015 Datasheet
88Kb / 7P
   ADVANCED DBS DUAL CHANNEL VOLTAGE AND TONE DETECTOR
DS32061 Rev. 1 - 2
ZLNB2016 DIODES-ZLNB2016 Datasheet
88Kb / 7P
   STANDARD DBS DUAL CHANNEL VOLTAGE AND TONE DETECTOR
DS32073 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com