Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-817-500 Fiches technique(PDF) 1 Page - Agilent(Hewlett-Packard)

No de pièce HCPL-817-500
Description  Phototransistor Optocoupler High Density Mounting Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-817-500 Fiches technique(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL-817-500 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-817-500 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-817-500 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-817-500 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-817-500 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-817-500 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Agilent HCPL-817
Phototransistor Optocoupler
High Density Mounting Type
Data Sheet
Features
• Current Transfer Ratio
(CTR: min. 50% at IF = 5 mA,
VCE = 5 V)
• High input-output isolation voltage
(Viso = 5000 Vrms)
• Response time (tr: typ., 4 µs at
VCE = 2 V, IC = 2 mA, RL = 100 Ω)
• Compact dual-in-line package
• UL approved
• CSA approved
• VDE approved
• Options available:
– Leads with 0.4" (10.16 mm)
spacing (W00)
– Leads bends for surface
mounting (300)
– Tape and reel for SMD (500)
– VDE 0884 approvals (060)
Applications
• Signal transmission between
circuits of different potentials and
impedances
• I/O interfaces for computers
• Feedback circuit in power supply
Description
The HCPL-817 contains a light
emitting diode optically coupled to
a phototransistor. It is packaged in
a 4-pin DIP package and available
in wide-lead spacing option and
lead bend SMD option. Input-output
isolation voltage is 5000 Vrms.
Response time, tr, is typically 4 µs
and minimum CTR is 50% at input
current of 5 mA.
Functional Diagram
Ordering Information
Specify part number followed by
Option Number (if desired).
HCPL-817-XXX
Option Number
060 = VDE0884 Option
W00 = 0.4" Lead Spacing Option
300 = Lead Bend SMD Option
500 = Tape and Reel Packaging
Option
00A = Rank Mark A
00B = Rank Mark B
00C = Rank Mark C
00D = Rank Mark D
00L = Rank Mark L
Schematic
4
3
12
PIN NO. AND INTERNAL
CONNECTION DIAGRAM
1. ANODE
2. CATHODE
3. EMITTER
4. COLLECTOR
1
2
ANODE
CATHODE
VF
+
IF
4
3
COLLECTOR
EMITTER
IC
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.


Numéro de pièce similaire - HCPL-817-500

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-817-500E AVAGO-HCPL-817-500E Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
More results

Description similaire - HCPL-817-500

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-817-50AE AVAGO-HCPL-817-50AE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817 AVAGO-HCPL-817 Datasheet
247Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-00BE AVAGO-HCPL-817-00BE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-36BE AVAGO-HCPL-817-36BE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-300E AVAGO-HCPL-817-300E Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-30AE AVAGO-HCPL-817-30AE Datasheet
164Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-56BE AVAGO-HCPL-817-56BE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
logo
Agilent(Hewlett-Packard...
HCPL-814 HP-HCPL-814 Datasheet
85Kb / 6P
   AC Input Phototransistor Optocoupler High Density Mounting Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-814 AVAGO-HCPL-814 Datasheet
216Kb / 7P
   AC Input Phototransistor Optocoupler High Density Mounting Type
logo
List of Unclassifed Man...
ISP621-1 ETC-ISP621-1 Datasheet
78Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com