Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCA9554ADBR Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TCA9554ADBR
Description  Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9554ADBR Fiches technique(HTML) 2 Page - Texas Instruments

  TCA9554ADBR Datasheet HTML 1Page - Texas Instruments TCA9554ADBR Datasheet HTML 2Page - Texas Instruments TCA9554ADBR Datasheet HTML 3Page - Texas Instruments TCA9554ADBR Datasheet HTML 4Page - Texas Instruments TCA9554ADBR Datasheet HTML 5Page - Texas Instruments TCA9554ADBR Datasheet HTML 6Page - Texas Instruments TCA9554ADBR Datasheet HTML 7Page - Texas Instruments TCA9554ADBR Datasheet HTML 8Page - Texas Instruments TCA9554ADBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
TCA9554A
SCPS196D – DECEMBER 2010 – REVISED AUGUST 2015
www.ti.com
Table of Contents
8.3
Feature Description................................................. 15
1
Features .................................................................. 1
8.4
Device Functional Modes........................................ 16
2
Applications ........................................................... 1
8.5
Programming........................................................... 16
3
Description ............................................................. 1
8.6
Register Map........................................................... 18
4
Revision History..................................................... 2
9
Application and Implementation ........................ 22
5
Pin Configuration and Functions ......................... 3
9.1
Application Information............................................ 22
6
Specifications......................................................... 4
9.2
Typical Application ................................................. 22
6.1
Absolute Maximum Ratings ..................................... 4
10
Power Supply Recommendations ..................... 25
6.2
ESD Ratings ............................................................ 4
10.1
Power-On Reset Requirements ........................... 25
6.3
Recommended Operating Conditions ....................... 4
11
Layout................................................................... 27
6.4
Thermal Information .................................................. 5
11.1
Layout Guidelines ................................................. 27
6.5
Electrical Characteristics........................................... 5
11.2
Layout Example .................................................... 27
6.6
I2C Interface Timing Requirements........................... 7
12
Device and Documentation Support ................. 28
6.7
Switching Characteristics .......................................... 7
12.1
Community Resources.......................................... 28
6.8
Typical Characteristics .............................................. 8
12.2
Trademarks ........................................................... 28
7
Parameter Measurement Information ................ 10
12.3
Electrostatic Discharge Caution ............................ 28
8
Detailed Description ............................................ 13
12.4
Glossary ................................................................ 28
8.1
Overview ................................................................. 13
13
Mechanical, Packaging, and Orderable
8.2
Functional Block Diagram ....................................... 14
Information ........................................................... 28
4 Revision History
Changes from Revision C (May 2015) to Revision D
Page
Added DB package. ............................................................................................................................................................... 1
Changes from Revision B (October 2014) to Revision C
Page
Added standby mode current for VI = VCC test condition........................................................................................................ 6
Changed
ΔICC for one P-port input at VI = VCC - 0.6, and other P-port I/O at VI = VCC or GND. ............................................ 6
Added clarification in datasheet that raising voltage above VCC on P-port I/O will result in current flow from P-port to
VCC. ...................................................................................................................................................................................... 15
Changes from Revision A (March 2012) to Revision B
Page
Added Handling Rating table, Feature Description section, Device Functional Modes, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and Documentation
Support section, and Mechanical, Packaging, and Orderable Information section. .............................................................. 1
Updated IOL PARAMETER in the Electrical Characteristics table. ........................................................................................ 5
Changes from Original (August 2014) to Revision A
Page
Initial release of full version .................................................................................................................................................... 1
Updated part number in the DESCRIPTION/ORDERING INFORMATION section. ............................................................ 13
2
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TCA9554A


Numéro de pièce similaire - TCA9554ADBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA9554ADBR TI1-TCA9554ADBR Datasheet
1Mb / 38P
[Old version datasheet]   TCA9554A Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
More results

Description similaire - TCA9554ADBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA9554 TI1-TCA9554 Datasheet
663Kb / 31P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9534 TI1-TCA9534 Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534 TI1-TCA9534_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A_16 Datasheet
514Kb / 30P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9554 TI1-TCA9554_16 Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9554A TI1-TCA9554A_15 Datasheet
1Mb / 38P
[Old version datasheet]   TCA9554A Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408_09 Datasheet
927Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com