Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM25160-S Fiches technique(PDF) 9 Page - List of Unclassifed Manufacturers

No de pièce FM25160-S
Description  16Kb FRAM Serial Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

FM25160-S Fiches technique(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button FM25160-S Datasheet HTML 5Page - List of Unclassifed Manufacturers FM25160-S Datasheet HTML 6Page - List of Unclassifed Manufacturers FM25160-S Datasheet HTML 7Page - List of Unclassifed Manufacturers FM25160-S Datasheet HTML 8Page - List of Unclassifed Manufacturers FM25160-S Datasheet HTML 9Page - List of Unclassifed Manufacturers FM25160-S Datasheet HTML 10Page - List of Unclassifed Manufacturers FM25160-S Datasheet HTML 11Page - List of Unclassifed Manufacturers FM25160-S Datasheet HTML 12Page - List of Unclassifed Manufacturers FM25160-S Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Ramtron
FM25160
12 May 2000
9/14
Applications
The versatility of FRAM technology fits into many
diverse applications. Clearly the strength of higher
write endurance and faster writes make FRAM
superior
to
EEPROM
in
all
but
one-time
programmable applications. The advantage is most
obvious in data collection environments where writes
are frequent and data must be nonvolatile.
The attributes of fast writes and high write endurance
combine in many innovative ways. A short list of
ideas is provided here.
1.
Data collection. In applications where data is
collected and saved, FRAM provides a superior
alternative to other solutions. It is more cost effective
than battery backup for SRAM and provides better
write attributes than EEPROM.
2.
Configuration. Any nonvolatile memory can
retain a configuration. However if the configuration
changes and power failure is a possibility, the higher
write endurance of FRAM allows changes to be
recorded without restriction. Any time the system
state is altered, the change can be written. This avoids
writing to memory on power down when the available
time is short and power scarce.
3.
High noise environments. Writing to EEPROM
in a noisy environment can be challenging. When
severe noise or power fluctuations are present, the
long write time of EEPROM creates a window of
vulnerability during which the write can be corrupted.
The fast write of FRAM is complete within a
microsecond. This time is typically too short for noise
or power fluctuation to disturb it.
4.
Time to market. In a complex system, multiple
software routines may need to access the nonvolatile
memory.
In
this
environment
the
time
delay
associated with programming EEPROM adds undue
complexity to the software development. Each
software routine must wait for complete programming
before allowing access to the next routine. When time
to market is critical, FRAM can eliminate this simple
obstacle. As soon as a write is issued to the
FM25160, it is effectively done -- no waiting.
5.
RF/ID. In the area of contactless memory, FRAM
provides an ideal solution. Since RF/ID memory is
powered by an RF field, the long programming time
and high current consumption needed to write
EEPROM is unattractive. FRAM provides a superior
solution. The FM25160 is suitable for multi-chip
RF/ID products.
6.
Maintenance tracking. In sophisticated systems,
the operating history and system state during a failure
is
important
knowledge.
Maintenance
can
be
expedited when this information has been recorded.
Due to the high write endurance, FRAM makes an
ideal system log. In addition, the convenient 2-wire
interface of the FM25160 allows memory to be
distributed throughout the system using minimal
additional resources.


Numéro de pièce similaire - FM25160-S

FabricantNo de pièceFiches techniqueDescription
logo
SHENZHEN FUMAN ELECTRON...
FM2514 FUMAN-FM2514 Datasheet
132Kb / 4P
   USB charge controller
More results

Description similaire - FM25160-S

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FM24C16A ETC1-FM24C16A Datasheet
93Kb / 13P
   16Kb FRAM Serial Memory
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C16A RAMTRON-FM24C16A_05 Datasheet
93Kb / 12P
   16Kb FRAM Serial Memory
FM25C160 RAMTRON-FM25C160 Datasheet
149Kb / 13P
   16Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24CL16 ETC-FM24CL16 Datasheet
90Kb / 13P
   16Kb FRAM Serial 3V Memory
FM25L16 ETC-FM25L16 Datasheet
149Kb / 14P
   16Kb FRAM Serial 3V Memory
logo
Ramtron International C...
FM25L16 RAMTRON-FM25L16_06 Datasheet
146Kb / 14P
   16Kb FRAM Serial 3V Memory
FM24CL16 RAMTRON-FM24CL16_05 Datasheet
107Kb / 13P
   16Kb FRAM Se rial 3V Memory
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com