Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HI-3001 Fiches technique(PDF) 12 Page - Holt Integrated Circuits

No de pièce HI-3001
Description  1Mbps Avionics CAN Transceiver 1Mbps Avionics CAN Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTIC [Holt Integrated Circuits]
Site Internet  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3001 Fiches technique(HTML) 12 Page - Holt Integrated Circuits

Back Button HI-3001 Datasheet HTML 5Page - Holt Integrated Circuits HI-3001 Datasheet HTML 6Page - Holt Integrated Circuits HI-3001 Datasheet HTML 7Page - Holt Integrated Circuits HI-3001 Datasheet HTML 8Page - Holt Integrated Circuits HI-3001 Datasheet HTML 9Page - Holt Integrated Circuits HI-3001 Datasheet HTML 10Page - Holt Integrated Circuits HI-3001 Datasheet HTML 11Page - Holt Integrated Circuits HI-3001 Datasheet HTML 12Page - Holt Integrated Circuits HI-3001 Datasheet HTML 13Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
HOLT INTEGRATED CIRCUITS
12
8-PIN PLASTIC SMALL OUTLINE (SOIC) - NB
(Narrow Body)
millimeters (inches)
Package Type: 8HN
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)
See Detail A
0
° to 8°
Detail A
PIN 1
6.00
(0.236)
3.90
(0.154)
4.90
(0.193)
0.175 ± 0.075
(0.007 ± 0.003)
1.27
(0.050)
0.835 ± 0.435
(0.033 ± 0.017)
1.25
(0.049)
0.175 ± 0.075
(0.007 ± 0.003)
0.41 ± 0.10
(0.016 ± 0.004)
BSC
BSC
BSC
BSC
min.
16-PIN PLASTIC CHIP-SCALE PACKAGE
millimeters(inches)
Package Type: 16PCS
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)
Top View
Bottom
View
Electrically isolated heat sink
pad on bottom of package
Connect to any ground or
power plane for optimum
thermal dissipation
.
.
4.000
(0.157)
BSC
4.000
(0.157)
BSC
1.000
(0.039)
max.
0.200
(0.008)
typ.
0.400 ± 0.050
(0.016 ± 0.002)
2.600 ± 0.050
(0.102 ± 0.002)
0.65
(0.0256)
BSC
0.300 ± 0.050
(0.012 ± 0.002)
2.600 ± 0.050
(0.102 ± 0.002)
PACKAGE DIMENSIONS


Numéro de pièce similaire - HI-3001

FabricantNo de pièceFiches techniqueDescription
logo
Holt Integrated Circuit...
HI-3000 HOLTIC-HI-3000 Datasheet
87Kb / 13P
   High impedance allows connection of up to 120 nodes
logo
List of Unclassifed Man...
HI-3000H ETC2-HI-3000H Datasheet
77Kb / 12P
   1Mbps Avionics CAN Transceiver
logo
Holt Integrated Circuit...
HI-3000H HOLTIC-HI-3000H Datasheet
77Kb / 12P
   Will not disturb the bus if unpowered
More results

Description similaire - HI-3001

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
HI-3000H ETC2-HI-3000H Datasheet
77Kb / 12P
   1Mbps Avionics CAN Transceiver
logo
Renesas Technology Corp
ISL71026M RENESAS-ISL71026M Datasheet
956Kb / 32P
   3.3V CAN Transceiver, 1Mbps, Listen Mode, Loopback
March 26, 2018
logo
Maxim Integrated Produc...
MAX3051 MAXIM-MAX3051 Datasheet
191Kb / 13P
   3.3V, 1Mbps, Low-Supply-Current CAN Transceiver
MAX3051 MAXIM-MAX3051_15 Datasheet
651Kb / 12P
   3.3V, 1Mbps, Low-Supply-Current CAN Transceiver
Rev 3; 2/15
MAX3051 MAXIM-MAX3051_V01 Datasheet
719Kb / 13P
   3.3V, 1Mbps, Low-Supply-Current CAN Transceiver
19-3274; Rev 5; 9/18
logo
Holt Integrated Circuit...
HI-3110 HOLTIC-HI-3110_16 Datasheet
194Kb / 54P
   Avionics CAN Controller with Integrated Transceiver
HI-3110 HOLTIC-HI-3110 Datasheet
189Kb / 53P
   Avionics CAN Controller with Integrated Transceiver
HI-5000 HOLTIC-HI-5000 Datasheet
88Kb / 13P
   1Mbps CAN Transceiver with Low Power Standby Mode
logo
Intersil Corporation
ISL72026SEH INTERSIL-ISL72026SEH Datasheet
847Kb / 18P
   3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Listen Mode, Loopback
November 9, 2015
ISL72027SEH INTERSIL-ISL72027SEH Datasheet
863Kb / 18P
   3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Listen Mode, Split Termination Output
November 9, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com