Moteur de recherche de fiches techniques de composants électroniques |
|
MC74AC652 Fiches technique(PDF) 1 Page - ON Semiconductor |
|
MC74AC652 Fiches technique(HTML) 1 Page - ON Semiconductor |
1 / 10 page © Semiconductor Components Industries, LLC, 2015 March, 2015 − Rev. 7 1 Publication Order Number: MC74AC652/D MC74AC652, MC74ACT652 Octal Transceiver/Register with 3-State Outputs (Non-Inverting) The MC74AC/ACT652 consists of registered bus transceiver circuits, with outputs, D−type flip−flops and control circuitry providing multiplexed transmission of data directly from the input bus or from the internal storage registers. Data on the A or B bus will be loaded into the respective registers on the LOW−to−HIGH transition of the appropriate clock pin (CAB or CBA). The four fundamental data handling functions available are illustrated in Figures 1 to 4. Features • Independent Registers for A and B Buses • Multiplexed Real−Time and Stored Data Transfers • Choice of True and Inverting Data Paths • 3−State Outputs • 300 mil Slim Dual−in−Line Package • Outputs Source/Sink 24 mA • ′ACT652 Has TTL Compatible Inputs • These are Pb−Free Devices www.onsemi.com MARKING DIAGRAMS A = Assembly Location WL = Wafer Lot YY = Year WW = Work Week G = Pb−Free Package SO−24 DW SUFFIX CASE 751E ACT652 AWLYYWWG 1 24 AC652 AWLYYWWG See detailed ordering and shipping information in the package dimensions section on page 9 of this data sheet. ORDERING INFORMATION TRANSFER FROM REGISTER TO BUS REG REG A‐BUS B‐BUS REAL TIME TRANSFER A‐BUS TO B‐BUS REG REG A‐BUS B‐BUS REAL TIME TRANSFER B‐BUS TO A‐BUS REG REG A‐BUS B‐BUS Figure 1. Figure 2. STORAGE FROM BUS TO REGISTER REG REG A‐BUS B‐BUS Figure 3. Figure 4. |
Numéro de pièce similaire - MC74AC652_15 |
|
Description similaire - MC74AC652_15 |