Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA1318 Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce TDA1318
Description  DCC read amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1318 Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button TDA1318 Datasheet HTML 4Page - NXP Semiconductors TDA1318 Datasheet HTML 5Page - NXP Semiconductors TDA1318 Datasheet HTML 6Page - NXP Semiconductors TDA1318 Datasheet HTML 7Page - NXP Semiconductors TDA1318 Datasheet HTML 8Page - NXP Semiconductors TDA1318 Datasheet HTML 9Page - NXP Semiconductors TDA1318 Datasheet HTML 10Page - NXP Semiconductors TDA1318 Datasheet HTML 11Page - NXP Semiconductors TDA1318 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
April 1996
8
Philips Semiconductors
Preliminary specification
DCC read amplifier
TDA1318
THERMAL RESISTANCE
CHARACTERISTICS
VDD = 5 V; VCCM = 5 V; VSS =VEEM = 0 V; fclk = 3.072 MHz; Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
THERMAL RESISTANCE
Rth j-a
from junction to ambient in free air
90 K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
supply voltage
4.5
5.0
5.5
V
VCCM
supply voltage feedback
amplifiers
4.5
5.0
5.5
V
IDDDCC
supply current DCC part
CS = 1; SD = 1; ADR = 0
21
31
41
mA
CS = 1; SD = 1; ADR = 1
21
31
41
mA
IDDCC
supply current CC
amplifiers
CS = 1; SD = 0; ADR = 0
7
9.7
13
mA
CS = 1; SD = 0; ADR = 1
12.5
17.8
24.5
mA
ICCM
supply current feedback
amplifiers
note 1
6.0
8.5
12
mA
IDD
supply current
(ADC reference ON)
CS = 0; SD = 1
1.1
1.6
2.2
mA
Itot
total current in OFF state
of IDD and ICCM
CS = 0; SD = 0
−−
300
µA
Vref
reference voltage for DCC
inputs (pin 21)
Io < −1 mA
1.3
1.4
1.5
V
reference voltage for DCC
sense (pin 7)
Io < −20 µA
1.25
1.4
1.55
V
reference voltage for CC
sense (pin 35)
Io < −20 µA
1.25
1.4
1.6
V
reference voltage for ADC
(pin 36)
Io < −2.5 mA
3.2
3.3
3.4
V
DCC part
AMPLIFIER CHANNEL 0 TO 7; NOTE 2
G
amplifier gain
fi = 50 kHz
75
78
81
dB
fi = 100 kHz
75
80
83
dB
∆G
relative gain
fi = 10 kHz; note 3
−14
−12
−10
dB
fi = 300 kHz; note 3
−22
−12
−3dB
VO
DC output voltage
note 4
1.8
2.1
2.4
V
Vos
DC offset voltage between
channels
note 4
−−
300
mV
Vn(ref)
input referred noise
voltage
fi = 50 kHz; Rsource =70 Ω−
1.9
nV
√Hz
∆Vn(ref)
3
× standard deviation in
amplitude spread of input
referred noise
fi = 50 kHz; Rsource =70 Ω−
0.5
nV
√Hz


Numéro de pièce similaire - TDA1318

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA1310 PHILIPS-TDA1310 Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1310AT PHILIPS-TDA1310AT Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1311AT PHILIPS-TDA1311AT Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
More results

Description similaire - TDA1318

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HA16631 HITACHI-HA16631 Datasheet
700Kb / 20P
   Read Amplifier
logo
NXP Semiconductors
TZA1000 PHILIPS-TZA1000 Datasheet
132Kb / 24P
   QIC read-write amplifier
1998 Mar 17
logo
New Japan Radio
NJM3470 NJRC-NJM3470 Datasheet
163Kb / 3P
   FDD READ AMPLIFIER SYSTEM
logo
NXP Semiconductors
SAA3323 PHILIPS-SAA3323 Datasheet
274Kb / 56P
   Drive processor for DCC systems
May 1994
logo
Rohm
BH6628AFS ROHM-BH6628AFS Datasheet
282Kb / 14P
   Read / Write amplifier for FDD
logo
Texas Instruments
MC3470 TI-MC3470 Datasheet
285Kb / 8P
[Old version datasheet]   FLOPPY DISK READ-AMPLIFIER SYSTEMS
logo
Rohm
BH6627FS ROHM-BH6627FS Datasheet
272Kb / 14P
   Read /Write amplifier for FDD
BH6629BFS ROHM-BH6629BFS Datasheet
268Kb / 14P
   Read /Write amplifier for FDD
BH6625FS ROHM-BH6625FS Datasheet
276Kb / 14P
   Read / Write amplifier for FDD
BH6626FS ROHM-BH6626FS Datasheet
265Kb / 13P
   Read /Write amplifier for FDD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com