Moteur de recherche de fiches techniques de composants électroniques |
|
TPA741DGN Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
TPA741DGN Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 22 page TPA741 700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS SLOS316A – JUNE 2000 – REVISED APRIL 2001 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Fully Specified for 3.3-V and 5-V Operation D Wide Power Supply Compatibility 2.5 V – 5.5 V D Output Power for RL = 8 Ω – 700 mW at VDD = 5 V – 250 mW at VDD = 3.3 V D Integrated Depop Circuitry D Thermal and Short-Circuit Protection D Surface-Mount Packaging – SOIC – PowerPAD MSOP description The TPA741 is a bridge-tied load (BTL) audio power amplifier developed especially for low-voltage applications where internal speakers are required. Operating with a 3.3-V supply, the TPA741 can deliver 250-mW of continuous power into a BTL 8- Ω load at less than 0.6% THD+N throughout voice band frequencies. Although this device is characterized out to 20 kHz, its operation was optimized for narrower band applications such as wireless communications. The BTL configuration eliminates the need for external coupling capacitors on the output in most applications, which is particularly important for small battery-powered equipment. This device features a shutdown mode for power-sensitive applications with a supply current of 7 µA during shutdown. The TPA741 is available in an 8-pin SOIC surface-mount package and the surface-mount PowerPAD MSOP, which reduces board space by 50% and height by 40%. Audio Input Bias Control VDD 700 mW 6 5 7 VO+ VDD 1 2 4 BYPASS IN – VDD/2 CI RI CS CB RF SHUTDOWN VO–8 GND From System Control 3 IN+ – + – + Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. Copyright 2001, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. 1 2 3 4 8 7 6 5 SHUTDOWN BYPASS IN+ IN– VO– GND VDD VO+ D OR DGN PACKAGE (TOP VIEW) PowerPAD is a trademark of Texas Instruments. |
Numéro de pièce similaire - TPA741DGN |
|
Description similaire - TPA741DGN |