Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L031E6 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce STM32L031E6
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L031E6 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button STM32L031E6 Datasheet HTML 7Page - STMicroelectronics STM32L031E6 Datasheet HTML 8Page - STMicroelectronics STM32L031E6 Datasheet HTML 9Page - STMicroelectronics STM32L031E6 Datasheet HTML 10Page - STMicroelectronics STM32L031E6 Datasheet HTML 11Page - STMicroelectronics STM32L031E6 Datasheet HTML 12Page - STMicroelectronics STM32L031E6 Datasheet HTML 13Page - STMicroelectronics STM32L031E6 Datasheet HTML 14Page - STMicroelectronics STM32L031E6 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 118 page
background image
2.1
Device overview
Table 2. Ultra-low-power STM32L031x4/x6 device features and peripheral counts
Peripheral
STM32
L031F4
STM32
L031E4
STM32
L031G4
STM32
L031K4
STM32
L031C4
STM32
L031F6
STM32
L031E6
STM32
L031G6
STM32
L031K6
STM32
L031C6
Flash (Kbytes)
16
32
Data EEPROM (Kbytes)
1
RAM (Kbytes)
8
Timers
General-
purpose
3
LPTIMER
1
RTC/SYSTICK/IWDG/
WWDG
1/1/1/1
Communicati
on interfaces
SPI
2(1)(1)
I2C
1
USART
1
LPUART
1
GPIOs
15
20
21(23)(3)
27(2)
38
15
20
21(23)(3)
27(2)
38
Clocks:
HSE(4)/LSE/HSI/MSI/LSI
1/1/1/1/1
12-bit synchronized ADC
Number of channels
1
10
Comparators
2
Max. CPU frequency
32 MHz
Operating voltage
1.8 V to 3.6 V (down to 1.65 V at power-down) with BOR option
1.65 V to 3.6 V without BOR option


Numéro de pièce similaire - STM32L031E6

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STM32L031E6 STMICROELECTRONICS-STM32L031E6 Datasheet
1Mb / 126P
   Access line ultra-low-power 32-bit MCU Arm짰-based Cortex짰-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
March 2018 Rev 6
STM32L031E6 STMICROELECTRONICS-STM32L031E6 Datasheet
1Mb / 126P
   Access line ultra-low-power 32-bit MCU Arm짰-based Cortex짰-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
March 2018
More results

Description similaire - STM32L031E6

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STM32L041X4 STMICROELECTRONICS-STM32L041X4 Datasheet
1Mb / 119P
   Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC, AES
STM32L031X4 STMICROELECTRONICS-STM32L031X4_V01 Datasheet
1Mb / 126P
   Access line ultra-low-power 32-bit MCU Arm짰-based Cortex짰-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
March 2018
STM32L031C6 STMICROELECTRONICS-STM32L031C6_V01 Datasheet
1Mb / 126P
   Access line ultra-low-power 32-bit MCU Arm짰-based Cortex짰-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
March 2018 Rev 6
STM32L041X6 STMICROELECTRONICS-STM32L041X6_V01 Datasheet
1Mb / 123P
   Access line ultra-low-power 32-bit MCU Arm짰-based Cortex짰-M0, 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC, AES
February 2018 Rev 6
STM32L071X8 STMICROELECTRONICS-STM32L071X8 Datasheet
1Mb / 136P
   Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, ADC
STM32L011X3 STMICROELECTRONICS-STM32L011X3 Datasheet
1Mb / 115P
   Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
STM32L081CB STMICROELECTRONICS-STM32L081CB Datasheet
1Mb / 110P
   Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, ADC, AES
STM32L151RCT6A STMICROELECTRONICS-STM32L151RCT6A Datasheet
1Mb / 136P
   Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 256KB Flash, 32KB SRAM, 8KB EEPROM, LCD, USB, ADC, DAC
STM32L051X6 STMICROELECTRONICS-STM32L051X6 Datasheet
1Mb / 127P
   Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 64 KB Flash, 8 KB SRAM, 2 KB EEPROM, ADC
STM32L072X8 STMICROELECTRONICS-STM32L072X8 Datasheet
2Mb / 147P
   Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com