Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISO7710FDR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce ISO7710FDR
Description  ISO7710 High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7710FDR Fiches technique(HTML) 5 Page - Texas Instruments

  ISO7710FDR Datasheet HTML 1Page - Texas Instruments ISO7710FDR Datasheet HTML 2Page - Texas Instruments ISO7710FDR Datasheet HTML 3Page - Texas Instruments ISO7710FDR Datasheet HTML 4Page - Texas Instruments ISO7710FDR Datasheet HTML 5Page - Texas Instruments ISO7710FDR Datasheet HTML 6Page - Texas Instruments ISO7710FDR Datasheet HTML 7Page - Texas Instruments ISO7710FDR Datasheet HTML 8Page - Texas Instruments ISO7710FDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
ISO7710
www.ti.com
SLLSER9A – NOVEMBER 2016 – REVISED DECEMBER 2016
Product Folder Links: ISO7710
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
ISO7710
UNIT
DW (SOIC)
D (SOIC)
(16-Pin)
(8-Pin)
RθJA
Junction-to-ambient thermal resistance
94.4
146.1
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
57.3
63.1
°C/W
RθJB
Junction-to-board thermal resistance
57.1
80.0
°C/W
ψJT
Junction-to-top characterization parameter
40.0
9.6
°C/W
ψJB
Junction-to-board characterization parameter
56.8
79.0
°C/W
RθJC(bottom)
Junction-to-case(bottom) thermal resistance
n/a
n/a
°C/W
6.5 Power Rating
PARAMETER
TEST CONDITIONS
VALUE
UNIT
PD
Maximum power dissipation
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15 pF,
input a 50 MHz 50% duty cycle square wave
50
mW
PD1
Maximum power dissipation by side-1
12.5
mW
PD2
Maximum power dissipation by side-2
37.5
mW


Numéro de pièce similaire - ISO7710FDR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ISO7710FQDQ1 TI1-ISO7710FQDQ1 Datasheet
1Mb / 34P
[Old version datasheet]   High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
ISO7710FQDRQ1 TI1-ISO7710FQDRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
ISO7710FQDWQ1 TI1-ISO7710FQDWQ1 Datasheet
540Kb / 31P
[Old version datasheet]   High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
ISO7710FQDWQ1 TI1-ISO7710FQDWQ1 Datasheet
1Mb / 34P
[Old version datasheet]   High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
ISO7710FQDWRQ1 TI1-ISO7710FQDWRQ1 Datasheet
540Kb / 31P
[Old version datasheet]   High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
More results

Description similaire - ISO7710FDR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ISO7710-Q1 TI1-ISO7710-Q1_17 Datasheet
1Mb / 34P
[Old version datasheet]   High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
ISO7710-Q1 TI1-ISO7710-Q1 Datasheet
540Kb / 31P
[Old version datasheet]   High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
ISO7741E-Q1 TI1-ISO7741E-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   ISO7741E-Q1 Grade 0, High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolator
ISO7720-Q1 TI1-ISO7720-Q1_17 Datasheet
1Mb / 36P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7730 TI1-ISO7730_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7730 TI1-ISO7730 Datasheet
576Kb / 33P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7760 TI1-ISO7760_18 Datasheet
2Mb / 40P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7760-Q1 TI1-ISO7760-Q1_19 Datasheet
3Mb / 44P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7760 TI1-ISO7760 Datasheet
2Mb / 38P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com