Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

890334027006 Fiches technique(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No de pièce 890334027006
Description  WCAP-FTXX Film Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Site Internet  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

890334027006 Fiches technique(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  890334027006 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 890334027006 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 890334027006 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 890334027006 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 890334027006 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 890334027006 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 890334027006 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 890334027006 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1.3
1.2
1.1
1.0
REV
2015-04-16
2014-08-14
2014-05-20
2014-01-22
DATE
SSt
SSt
SSt
SSt
BY
PSL
PSL
PSL
PSL
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WCAP-FTXX Film Capacitors
Order.- No.
890334027006
SIZE
A4
Size: Pitch 27.5 mm - PL 20
G Packaging Specification - Bulk and Carton [mm]:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Numéro de pièce similaire - 890334027006

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
890334027006CS WURTH-890334027006CS Datasheet
1Mb / 8P
   WCAP-FTXX Film Capacitors
More results

Description similaire - 890334027006

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
890334023011 WURTH-890334023011 Datasheet
1Mb / 8P
   WCAP-FTXX Film Capacitors
890334023017 WURTH-890334023017 Datasheet
1Mb / 8P
   WCAP-FTXX Film Capacitors
890334023019CS WURTH-890334023019CS Datasheet
1Mb / 8P
   WCAP-FTXX Film Capacitors
890334023028 WURTH-890334023028 Datasheet
1Mb / 8P
   WCAP-FTXX Film Capacitors
890334024003CS WURTH-890334024003CS Datasheet
1Mb / 8P
   WCAP-FTXX Film Capacitors
890334025020 WURTH-890334025020 Datasheet
1Mb / 8P
   WCAP-FTXX Film Capacitors
890334025013CS WURTH-890334025013CS Datasheet
1Mb / 8P
   WCAP-FTXX Film Capacitors
890334027012 WURTH-890334027012 Datasheet
1Mb / 8P
   WCAP-FTXX Film Capacitors
890334023007 WURTH-890334023007 Datasheet
1Mb / 8P
   WCAP-FTXX Film Capacitors
890334025004 WURTH-890334025004 Datasheet
1Mb / 8P
   WCAP-FTXX Film Capacitors
890334025022CS WURTH-890334025022CS Datasheet
1Mb / 8P
   WCAP-FTXX Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com