Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BM92A30MWV Fiches technique(PDF) 21 Page - Rohm

No de pièce BM92A30MWV
Description  USB Type-C Power Delivery Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BM92A30MWV Fiches technique(HTML) 21 Page - Rohm

Back Button BM92A30MWV Datasheet HTML 17Page - Rohm BM92A30MWV Datasheet HTML 18Page - Rohm BM92A30MWV Datasheet HTML 19Page - Rohm BM92A30MWV Datasheet HTML 20Page - Rohm BM92A30MWV Datasheet HTML 21Page - Rohm BM92A30MWV Datasheet HTML 22Page - Rohm BM92A30MWV Datasheet HTML 23Page - Rohm BM92A30MWV Datasheet HTML 24Page - Rohm BM92A30MWV Datasheet HTML 25Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
21/31
TSZ02201-0232AA000460-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
21.Sep.2016 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BM92A30MWV
4.13.
Power Off Sequence
VSVR
0V
Status
SMBus
access
SMBus can’t
operate
SMBus can
operate
Normal
Operation
(Non dead battery )
3.1V to 5.5V
Shutdown
Figure 4-8 Power Off Sequence


Numéro de pièce similaire - BM92A30MWV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BM92A30MWV-Z ROHM-BM92A30MWV-Z Datasheet
1Mb / 31P
   USB Type-C Power Delivery Controller
More results

Description similaire - BM92A30MWV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BM92A50MWV ROHM-BM92A50MWV Datasheet
1Mb / 35P
   USB Type-C Power Delivery Controller
BM92A15MWV-Z ROHM-BM92A15MWV-Z Datasheet
1Mb / 37P
   USB Type-C Power Delivery Controller
BM92A30MWV-Z ROHM-BM92A30MWV-Z Datasheet
1Mb / 31P
   USB Type-C Power Delivery Controller
BD93E70GWL ROHM-BD93E70GWL Datasheet
910Kb / 21P
   USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
BM92A11MWV-Z ROHM-BM92A11MWV-Z Datasheet
1Mb / 36P
   USB Type-C Power Delivery Controller
06.Mar.2017 Rev.002
BM92T30MWV ROHM-BM92T30MWV Datasheet
1Mb / 31P
   Type-C USB Power Delivery Controller
BM92A20MWV-Z ROHM-BM92A20MWV-Z Datasheet
2Mb / 31P
   USB Type-C Power Delivery Controller
BM92A14MWV-Z ROHM-BM92A14MWV-Z Datasheet
1Mb / 37P
   USB Type-C Power Delivery Controller
BD93E30GWL ROHM-BD93E30GWL Datasheet
910Kb / 21P
   USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
BM92A20MWV ROHM-BM92A20MWV Datasheet
1Mb / 33P
   USB Type-C Power Delivery Controller
BM92T10MWV ROHM-BM92T10MWV Datasheet
1Mb / 31P
   Type-C USB Power Delivery Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com