Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD41030FJ-E2 Fiches technique(PDF) 8 Page - Rohm

No de pièce BD41030FJ-E2
Description  LIN Transceiver for Automotive
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD41030FJ-E2 Fiches technique(HTML) 8 Page - Rohm

Back Button BD41030FJ-E2 Datasheet HTML 4Page - Rohm BD41030FJ-E2 Datasheet HTML 5Page - Rohm BD41030FJ-E2 Datasheet HTML 6Page - Rohm BD41030FJ-E2 Datasheet HTML 7Page - Rohm BD41030FJ-E2 Datasheet HTML 8Page - Rohm BD41030FJ-E2 Datasheet HTML 9Page - Rohm BD41030FJ-E2 Datasheet HTML 10Page - Rohm BD41030FJ-E2 Datasheet HTML 11Page - Rohm BD41030FJ-E2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
BD41030FJ-C
BD41030HFN-C
Electrical Characteristics (Ta= -40 to +125°C; VBAT =5 to 27V; RL(LIN-BAT)
=500Ω; typical values are given at
Ta=25°C; VBAT =12V; unless otherwise specified)
Table 6. Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
RXD (open-drain)
Low level output current
IOL
1.3
3.5
-
mA
Normal mode.
VLIN = 0V
VRXD = 0.4V
High level leakage current
IOZH
-5.0
0.0
+5.0
μA
Normal mode.
VLIN = VBAT
VRXD = 5V
NWAKE
High level input voltage
VIH
VBAT -
1.0
-
VBAT +
0.3
V
Low level input voltage
VIL
-0.3
-
VBAT -
3.3
V
High level leakage current
IIH
-5.0
0.0
+5.0
μA
VNWAKE = 27V
VBAT = 27V
Pull-up current
IIL
-30
-10
-3
μA
VNWAKE = 0V
INH
Switch-on resistance between pins
BAT and INH
RINH
-
30
50
Ω
Standby mode, Normal mode.
IINH = -15mA, VBAT = 12V
High level leakage current
IOZH
-5.0
0.0
+5.0
μA
Sleep mode.
VINH = VBAT = 27V
LIN
LIN recessive output voltage
VO_rec
VBAT
0.9
-
VBAT
V
VTXD = 5V, ILIN = 0mA
LIN dominant output voltage
VO_dom1
-
-
1.2
V
VTXD = 0V, VBAT = 7.3V
VO_dom2
0.6
-
-
V
VTXD = 0V, VBAT = 7.3V
RL(LIN-BAT)
= 1kΩ
VO_dom3
-
-
2.0
V
VTXD = 0V, VBAT = 18V
VO_dom4
0.8
-
-
V
VTXD = 0V, VBAT = 18V
RL(LIN-BAT)
= 1kΩ
High level leakage current
IIH
-5.0
0.0
+5.0
μA
VLIN = VBAT
LIN pull-up current
IIL
-10.0
-5.0
-2.0
μA
Sleep mode.
VLIN = VNSLP = 0V
Pull-up resistance (Slave termination
resistance to pin BAT)
RSLAVE
20
30
47
Standby mode, Normal mode.
VLIN = 0V, VBAT = 12V
Capacitance of pin LIN
(Note 2)
CLIN
-
-
30
pF
Short-circuit output current
IO_SC0
40
-
200
mA
VLIN = VBAT = 18V, VTXD = 0V
t < tdom
Input leakage current at the receiver
operating (included pull-up resistor)
IBUS_PAS_dom
-1
-
-
mA
VLIN = 0V
VBAT = 12V
VTXD = 5V
Input leakage current at the receiver
operating
IBUS_PAS_rec
-
-
20
μA
VLIN = 18V
VBAT = 8V
VTXD = 5V
Loss of ground leakage current
IBUS_NO_GND
-1
-
1
mA
VBAT = VGND = 12V
VLIN = 0V to 18V
Loss of battery leakage current
IBUS_NO_BAT
-
-
100
μA
VBAT = 0V
VLIN = 18V
Receiver threshold voltage
Vth_rx
VBAT x
0.4
-
VBAT x
0.6
V
VBAT = 7.3V to 27.0V
Receiver center voltage
(Note 3)
Vcn_rx
VBAT x
0.475
VBAT x
0.500
VBAT x
0.525
V
VBAT = 7.3V to 27.0V
Vcn_rx = (Vth_dom + Vth_rec)/2
Receiver
threshold
hysteresis
voltage
(Note 3)
Vth_hys
VBAT x
0.100
VBAT x
0.140
VBAT x
0.175
V
VBAT = 7.3V to 27.0V
Vth_hys = Vth_rec - Vth_dom
(Note 2) It is a design guarantee parameter, and is not production tested.
〇Product structure : Silicon monolithic integrated circuit 〇This product has no designed protection against radioactive rays
.
8/21
TSZ02201-0E2E0H500640-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
2016.08.18 Rev.002
TSZ22111 • 14 • 001
www.rohm.com


Numéro de pièce similaire - BD41030FJ-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD41033FJ-C ROHM-BD41033FJ-C Datasheet
940Kb / 19P
   LIN Transceiver for Automotive
24.Aug.2022 Rev.001
BD41033FJ-CE2 ROHM-BD41033FJ-CE2 Datasheet
940Kb / 19P
   LIN Transceiver for Automotive
24.Aug.2022 Rev.001
More results

Description similaire - BD41030FJ-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD41033FJ-C ROHM-BD41033FJ-C Datasheet
940Kb / 19P
   LIN Transceiver for Automotive
24.Aug.2022 Rev.001
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
   LIN TRANSCEIVER
ATA6663 ATMEL-ATA6663_14 Datasheet
747Kb / 19P
   LIN Transceiver
logo
AMI SEMICONDUCTOR
AMIS-30600 AMI-AMIS-30600 Datasheet
501Kb / 11P
   LIN Transceiver
logo
ON Semiconductor
NCV7380 ONSEMI-NCV7380 Datasheet
92Kb / 14P
   LIN Transceiver
May, 2004 ??Rev. P3
logo
Infineon Technologies A...
TLE7259-2GU INFINEON-TLE7259-2GU Datasheet
514Kb / 31P
   LIN Transceiver
Rev. 1.1, July 2008
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661_08 Datasheet
260Kb / 9P
   LIN Transceiver
logo
ON Semiconductor
AMIS-30600 ONSEMI-AMIS-30600 Datasheet
207Kb / 11P
   LIN Transceiver
February, 2010 ??Rev. 7
logo
ATMEL Corporation
ATA6663 ATMEL-ATA6663 Datasheet
723Kb / 20P
   LIN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com