Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD41030HFN-G Fiches technique(PDF) 10 Page - Rohm

No de pièce BD41030HFN-G
Description  LIN Transceiver for Automotive
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD41030HFN-G Fiches technique(HTML) 10 Page - Rohm

Back Button BD41030HFN-G Datasheet HTML 6Page - Rohm BD41030HFN-G Datasheet HTML 7Page - Rohm BD41030HFN-G Datasheet HTML 8Page - Rohm BD41030HFN-G Datasheet HTML 9Page - Rohm BD41030HFN-G Datasheet HTML 10Page - Rohm BD41030HFN-G Datasheet HTML 11Page - Rohm BD41030HFN-G Datasheet HTML 12Page - Rohm BD41030HFN-G Datasheet HTML 13Page - Rohm BD41030HFN-G Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
BD41030FJ-C
BD41030HFN-C
(Note 6)
(Note 7) AC characteristic evaluation circuit diagram
INH
RXD
TXD
NSLP
NWAKE
LIN
GND
BAT
VCC
2.4kΩ
20pF
100nF
RL
CL
Bit
(max)
Bus_rec
2
4
,
2
xt
t
D
D
=
〇Product structure : Silicon monolithic integrated circuit 〇This product has no designed protection against radioactive rays
.
10/21
TSZ02201-0E2E0H500640-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
2016.08.18 Rev.002
TSZ22111 • 14 • 001
www.rohm.com


Numéro de pièce similaire - BD41030HFN-G

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD41033FJ-C ROHM-BD41033FJ-C Datasheet
940Kb / 19P
   LIN Transceiver for Automotive
24.Aug.2022 Rev.001
BD41033FJ-CE2 ROHM-BD41033FJ-CE2 Datasheet
940Kb / 19P
   LIN Transceiver for Automotive
24.Aug.2022 Rev.001
More results

Description similaire - BD41030HFN-G

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD41033FJ-C ROHM-BD41033FJ-C Datasheet
940Kb / 19P
   LIN Transceiver for Automotive
24.Aug.2022 Rev.001
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
   LIN TRANSCEIVER
ATA6663 ATMEL-ATA6663_14 Datasheet
747Kb / 19P
   LIN Transceiver
logo
AMI SEMICONDUCTOR
AMIS-30600 AMI-AMIS-30600 Datasheet
501Kb / 11P
   LIN Transceiver
logo
ON Semiconductor
NCV7380 ONSEMI-NCV7380 Datasheet
92Kb / 14P
   LIN Transceiver
May, 2004 ??Rev. P3
logo
Infineon Technologies A...
TLE7259-2GU INFINEON-TLE7259-2GU Datasheet
514Kb / 31P
   LIN Transceiver
Rev. 1.1, July 2008
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661_08 Datasheet
260Kb / 9P
   LIN Transceiver
logo
ON Semiconductor
AMIS-30600 ONSEMI-AMIS-30600 Datasheet
207Kb / 11P
   LIN Transceiver
February, 2010 ??Rev. 7
logo
ATMEL Corporation
ATA6663 ATMEL-ATA6663 Datasheet
723Kb / 20P
   LIN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com