Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD8253EFV-M Fiches technique(PDF) 11 Page - Rohm

No de pièce BD8253EFV-M
Description  6ch System Motor Driver for Car AV
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD8253EFV-M Fiches technique(HTML) 11 Page - Rohm

Back Button BD8253EFV-M Datasheet HTML 7Page - Rohm BD8253EFV-M Datasheet HTML 8Page - Rohm BD8253EFV-M Datasheet HTML 9Page - Rohm BD8253EFV-M Datasheet HTML 10Page - Rohm BD8253EFV-M Datasheet HTML 11Page - Rohm BD8253EFV-M Datasheet HTML 12Page - Rohm BD8253EFV-M Datasheet HTML 13Page - Rohm BD8253EFV-M Datasheet HTML 14Page - Rohm BD8253EFV-M Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
11/37
TSZ02201-0H5H0BK01730-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
26.Jan.2016 Rev.001
www.rohm.com
TSZ22111
• 15 • 001
BD8253EFV-M
6. Actuator Driver (Focus/Tracking)
(1) Voltage Gain Calculation
The output voltage is set by the input voltage (difference voltage of FCIN/TKIN and VC) x voltage gain (GVACT).
Voltage gain can be adjusted by an external input resistor RIN.
RIN
IN
50k
Level
Shift
+
-
× 2
VO+
VO-
× 2
VIN
×2
100k
VREF
VO+
VO-
VO = (VO+) - (VO-) 
→ 4 times between output
100k
RIN + 50k
100k
Ω
RIN + 50kΩ
VC
×0.94
VREF +
×0.94×2×(VIN-VC)
100k
Ω
RIN + 50kΩ
VREF -
×0.94×2×(VIN-VC)
VC
Figure 17. Actuator (Focus/Tracking) Closed Loop Voltage Gain Calculation Diagram
Voltage Gain expression is given by following formula
��������������������� =
��������
������������
=
100k
������������+50k
× 0.94 × 2 × 2 [dB]
When RIN = 0
�������������������� =
��������
������������
=
100k
50k
× 0.94 × 2 × 2 = 17.5 [dB]


Numéro de pièce similaire - BD8253EFV-M

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BD825 PHILIPS-BD825 Datasheet
60Kb / 8P
   NPN power transistors
1998 May 29
logo
Inchange Semiconductor ...
BD825 ISC-BD825 Datasheet
276Kb / 2P
   isc Silicon NPN Power Transistor
logo
Rohm
BD8255MUV-E2 ROHM-BD8255MUV-E2 Datasheet
3Mb / 45P
   6ch System Motor Driver For Car AV
BD8255MUV-M ROHM-BD8255MUV-M Datasheet
1Mb / 46P
   Built-in Serial Peripheral Interface
BD8255MUV-M ROHM-BD8255MUV-M Datasheet
3Mb / 45P
   6ch System Motor Driver For Car AV
More results

Description similaire - BD8253EFV-M

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD8255MUV-M ROHM-BD8255MUV-M_16 Datasheet
3Mb / 45P
   6ch System Motor Driver For Car AV
BD8205EFV-M ROHM-BD8205EFV-M Datasheet
1Mb / 23P
   5ch System Motor Driver for Car AV
BD8256EFV-M ROHM-BD8256EFV-M_16 Datasheet
3Mb / 53P
   9ch System Motor Driver For Car AV
BD8271EFV ROHM-BD8271EFV Datasheet
857Kb / 25P
   3ch System Motor Driver For Car Audio
BD8266EFV-M ROHM-BD8266EFV-M_16 Datasheet
1Mb / 27P
   4ch System Motor Driver for Car Audio
BD8226EFV ROHM-BD8226EFV_13 Datasheet
920Kb / 20P
   4ch System Motor Driver For Car Audio
logo
Sanyo Semicon Device
LA5657H SANYO-LA5657H Datasheet
104Kb / 8P
   System Power Supply IC for Car AV Systems
logo
Rohm
BD6873KN ROHM-BD6873KN Datasheet
307Kb / 6P
   6ch Stepping Motor Driver
BD6753KV ROHM-BD6753KV Datasheet
333Kb / 6P
   6ch Stepping Motor Driver
logo
Aimtron Technology
AT5557 AIMTRON-AT5557 Datasheet
354Kb / 20P
   Serial Input 6CH Motor Driver for DSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com