Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SZ5-M2-W0-C8 Fiches technique(PDF) 5 Page - Seoul Semiconductor

No de pièce SZ5-M2-W0-C8
Description  Superior Efficacy & Lumen output with Small Form Factor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEOUL [Seoul Semiconductor]
Site Internet  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SZ5-M2-W0-C8 Fiches technique(HTML) 5 Page - Seoul Semiconductor

  SZ5-M2-W0-C8 Datasheet HTML 1Page - Seoul Semiconductor SZ5-M2-W0-C8 Datasheet HTML 2Page - Seoul Semiconductor SZ5-M2-W0-C8 Datasheet HTML 3Page - Seoul Semiconductor SZ5-M2-W0-C8 Datasheet HTML 4Page - Seoul Semiconductor SZ5-M2-W0-C8 Datasheet HTML 5Page - Seoul Semiconductor SZ5-M2-W0-C8 Datasheet HTML 6Page - Seoul Semiconductor SZ5-M2-W0-C8 Datasheet HTML 7Page - Seoul Semiconductor SZ5-M2-W0-C8 Datasheet HTML 8Page - Seoul Semiconductor SZ5-M2-W0-C8 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
www.seoulsemicon.com
SZ5-M2-WX-XX - High-power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
5
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev5.0, Sep 13, 2016
Product Data Sheet
Performance Characteristics
 전기적 특성 및 광 특성 스펙 테이블
 하기 예시와 같이 테이블에 맞는 조건을 기입
Table #. Electro Optical Characteristics,
IF = 350mA, Tj=25℃
- 전기적 특성 – 아래첨자/대문자 예
) IF VF ФV
- 온도적 특성 – 아래첨자/소문자 예) Ta/j Topr0 Tstg
Performance Characteristics (Table)
하기와 같은 표 사용시 해당 슬라이드 사용하시면 됩니다.
기입되어 있는 내용 참고하시고 내용 추가/수정 가능
- ex) Electro Optical Characteristics
- ex) Absolute Maximum Ratings
* Power Dissipation
: max current x max VF(@max current)
* VF 공차 : ±0.1V (STD 사양)
* 밝기 공차 : ±10% (STD 사양)
* 수명 조건 : 고객 협의 조건 기재
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Forward Current [1]
I
F
-
-
1500
mA
Peak Pulsed Forward Current [2]
I
F
2000
mA
Reverse Voltage
V
R
-
-
5
V
Power Dissipation
P
D
-
-
5.22
W
Forward Voltage (@700mA, 85ºC)
V
F
-
-
3.0
V
Junction Temperature
T
j
-
-
150
ºC
Operating Temperature
T
opr
- 40
-
125
ºC
Storage Temperature
T
stg
- 40
-
125
ºC
Viewing angle
θ
118
degree
Thermal resistance (J to S) [3]
J-S
-
3.45
-
K/W
ESD Sensitivity(HBM) [4]
Class 3A JESD22-A114-E
Table 3. Characteristics
Notes :
(1) At Junction Temperature 85℃ condition.
(2) Pulse width
≤10ms, duty cycle ≤ 10% condition.
(3)
J-S is tested at 700mA.
(4) The zener diode is included to protect the product from ESD.
Thermal resistance can be increased substantially depending on the heat sink design/operating
condition, and the maximum possible driving current will decrease accordingly.


Numéro de pièce similaire - SZ5-M2-W0-C8

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
SZ5-M2-W0-C8 SEOUL-SZ5-M2-W0-C8 Datasheet
1Mb / 30P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-W0-C8 SEOUL-SZ5-M2-W0-C8 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-W0-C8 SEOUL-SZ5-M2-W0-C8 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-W0-C8 SEOUL-SZ5-M2-W0-C8 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-W0-C8 SEOUL-SZ5-M2-W0-C8_16 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
More results

Description similaire - SZ5-M2-W0-C8

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
SZ5-M2-WW-00 SEOUL-SZ5-M2-WW-00_16 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
SPR05F0D SEOUL-SPR05F0D Datasheet
806Kb / 19P
   Superior Efficacy & Lumen output with Small Form Factor
SZDR5A0B SEOUL-SZDR5A0B Datasheet
730Kb / 20P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-WN-C8 SEOUL-SZ5-M2-WN-C8_16 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
SPG05F0D SEOUL-SPG05F0D Datasheet
791Kb / 19P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-W0-C8 SEOUL-SZ5-M2-W0-C8_16 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
SPF05F0B SEOUL-SPF05F0B Datasheet
873Kb / 21P
   Superior Efficacy & Lumen output with Small Form Factor
SZDR5A0C SEOUL-SZDR5A0C Datasheet
722Kb / 20P
   Superior Efficacy & Lumen output with Small Form Factor
SZB05A0B SEOUL-SZB05A0B Datasheet
676Kb / 20P
   Superior Efficacy & Lumen output with Small Form Factor
SPW05F0D SEOUL-SPW05F0D Datasheet
852Kb / 19P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-WX-XX SEOUL-SZ5-M2-WX-XX Datasheet
1Mb / 30P
   Superior Efficacy & Lumen output with Small Form Factor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com