Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SZ5-M2-W0-C8 Fiches technique(PDF) 21 Page - Seoul Semiconductor

No de pièce SZ5-M2-W0-C8
Description  Superior Efficacy & Lumen output with Small Form Factor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEOUL [Seoul Semiconductor]
Site Internet  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SZ5-M2-W0-C8 Fiches technique(HTML) 21 Page - Seoul Semiconductor

Back Button SZ5-M2-W0-C8 Datasheet HTML 17Page - Seoul Semiconductor SZ5-M2-W0-C8 Datasheet HTML 18Page - Seoul Semiconductor SZ5-M2-W0-C8 Datasheet HTML 19Page - Seoul Semiconductor SZ5-M2-W0-C8 Datasheet HTML 20Page - Seoul Semiconductor SZ5-M2-W0-C8 Datasheet HTML 21Page - Seoul Semiconductor SZ5-M2-W0-C8 Datasheet HTML 22Page - Seoul Semiconductor SZ5-M2-W0-C8 Datasheet HTML 23Page - Seoul Semiconductor SZ5-M2-W0-C8 Datasheet HTML 24Page - Seoul Semiconductor SZ5-M2-W0-C8 Datasheet HTML 25Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
www.seoulsemicon.com
SZ5-M2-WX-XX - High-power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
21
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev5.0, Sep 13, 2016
Product Data Sheet
Color Bin Structure
 CIE Chromaticity Diagram
 그림 밑에 Description Table 필요 시 추가
-. X축 : Color coordinate x
-. Y축 : Color coordinate y
-. 좌표는 소문자임 (x, y)
-. 소수점은 통일할 것. (3자리 추천)
CIE Chromaticity Diagram (Warm White), T
j=85℃, IF=700mA
G11
G21
G31
G41
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.4299
0.4165
0.4364
0.4188
0.4430
0.4212
0.4496
0.4236
0.4261
0.4077
0.4324
0.4099
0.4387
0.4122
0.4451
0.4145
0.4324
0.4100
0.4387
0.4122
0.4451
0.4145
0.4514
0.4168
0.4365
0.4189
0.4430
0.4212
0.4496
0.4236
0.4562
0.4260
G12
G22
G32
G42
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.4261
0.4077
0.4324
0.4100
0.4387
0.4122
0.4451
0.4145
0.4223
0.3990
0.4284
0.4011
0.4345
0.4033
0.4406
0.4055
0.4284
0.4011
0.4345
0.4033
0.4406
0.4055
0.4468
0.4077
0.4324
0.4100
0.4387
0.4122
0.4451
0.4145
0.4515
0.4168
G13
G23
G33
G43
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.4223
0.3990
0.4284
0.4011
0.4345
0.4033
0.4406
0.4055
0.4185
0.3902
0.4243
0.3922
0.4302
0.3943
0.4361
0.3964
0.4243
0.3922
0.4302
0.3943
0.4361
0.3964
0.4420
0.3985
0.4284
0.4011
0.4345
0.4033
0.4406
0.4055
0.4468
0.4077
G14
G24
G34
G44
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.4243
0.3922
0.4302
0.3943
0.4302
0.3943
0.4361
0.3964
0.4203
0.3834
0.4259
0.3853
0.4259
0.3853
0.4316
0.3873
0.4147
0.3814
0.4203
0.3834
0.4316
0.3873
0.4373
0.3893
0.4185
0.3902
0.4243
0.3922
0.4361
0.3964
0.4420
0.3985
0.41
0.42
0.43
0.44
0.45
0.46
0.38
0.39
0.40
0.41
0.42
0.43
G44
G43
2900K
3000K
3200K
G41
G31
G21
G11
CIE X
G32
G42
G22
G12
G33
G23
G13
G34
G24
G14


Numéro de pièce similaire - SZ5-M2-W0-C8

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
SZ5-M2-W0-C8 SEOUL-SZ5-M2-W0-C8 Datasheet
1Mb / 30P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-W0-C8 SEOUL-SZ5-M2-W0-C8 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-W0-C8 SEOUL-SZ5-M2-W0-C8 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-W0-C8 SEOUL-SZ5-M2-W0-C8 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-W0-C8 SEOUL-SZ5-M2-W0-C8_16 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
More results

Description similaire - SZ5-M2-W0-C8

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
SZ5-M2-WW-00 SEOUL-SZ5-M2-WW-00_16 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
SPR05F0D SEOUL-SPR05F0D Datasheet
806Kb / 19P
   Superior Efficacy & Lumen output with Small Form Factor
SZDR5A0B SEOUL-SZDR5A0B Datasheet
730Kb / 20P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-WN-C8 SEOUL-SZ5-M2-WN-C8_16 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
SPG05F0D SEOUL-SPG05F0D Datasheet
791Kb / 19P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-W0-C8 SEOUL-SZ5-M2-W0-C8_16 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
SPF05F0B SEOUL-SPF05F0B Datasheet
873Kb / 21P
   Superior Efficacy & Lumen output with Small Form Factor
SZDR5A0C SEOUL-SZDR5A0C Datasheet
722Kb / 20P
   Superior Efficacy & Lumen output with Small Form Factor
SZB05A0B SEOUL-SZB05A0B Datasheet
676Kb / 20P
   Superior Efficacy & Lumen output with Small Form Factor
SPW05F0D SEOUL-SPW05F0D Datasheet
852Kb / 19P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-WX-XX SEOUL-SZ5-M2-WX-XX Datasheet
1Mb / 30P
   Superior Efficacy & Lumen output with Small Form Factor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com