Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5000-9TO Fiches technique(PDF) 1 Page - Sensortechnics GmbH

No de pièce AD5000-9TO
Description  APD with 19.6 mm짼 active area
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SENSORTECHNICS [Sensortechnics GmbH]
Site Internet  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

AD5000-9TO Fiches technique(HTML) 1 Page - Sensortechnics GmbH

  AD5000-9TO Datasheet HTML 1Page - Sensortechnics GmbH AD5000-9TO Datasheet HTML 2Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
First Sensor APD Data Sheet
Part Description AD5000-9 TO
Order # 50016101
Version 28-10-15
Features
Description
Application
RoHS
2002/95/EC
Absolute maximum ratings
Spectral response (M = 100)
Max
125
100
0.25
Schematic
Electro-optical characteristics @ 23 °C
Unit
µm
mm²
nA
pF
A/W
ns
GHz
V
V/K
European, International Sales:
sales.opto@first-sensor.com
sales.us@first-sensor.com
First Sensor Inc.
5700 Corsa Avenue #105
Westlake Village
CA 91362 USA
T +1 818 706 3400
F +1 818 889 7053
First Sensor AG
Peter-Behrens-Strasse 15
12459 Berlin
Excess noise factor
M = 100
TOP
Operating temp
-40
°C
Mmax
Gain (IP0 = 1 nA)
200
TSTG
Storage temp
-55
°C
• Laser range finder
• High speed photometry
• High speed optical
communications
• APD with 19.6 mm² active area
• Slow multiplication curve
• QE > 80% @ 750 nm-910 nm
• Fast rise time, low noise
Symbol
Unit
Min
Circular active area APD chip with
NIR enhanced sensitivity. Metal can
type hermetic TO8i package with
clear glass window.
• Medical equipment
Parameter
• Optimum gain: 50-60
IPEAK
Peak DC current
mA
Active area
Min
diameter 5000
Typ
Max
Symbol
Characteristic
Test Condition
Responsivity
M = 100; λ = 905 nm
52
45
1.55
240
Cut-off frequency
-3dB
0.12
tR
Rise time
M = 100; λ = 905 nm; RL = 50 Ω
VBR
Breakdown voltage
IR = 2 µA, VBR - binning available
M = 100
58
60
M = 100
60
Temperature coefficiant
Change of VBR with temperature
1.25
160
Excess noise index
M = 100
Germany
T +49 30 6399 2399
F +49 30 639923-752
USA:
Active area
19.6
2.5
0.2
3
C
Capacitance
ID
Dark current
0
10
20
30
40
50
60
70
400
450
500
550
600
650
700
750
800
850
900
950 1000 1050 1100
Wavelength (nm)
PIN 1
PIN 2
PIN 3


Numéro de pièce similaire - AD5000-9TO

FabricantNo de pièceFiches techniqueDescription
logo
Sensortechnics GmbH
AD5000-8TO SENSORTECHNICS-AD5000-8TO Datasheet
406Kb / 2P
   APD with 19.6 mm짼 active area
More results

Description similaire - AD5000-9TO

FabricantNo de pièceFiches techniqueDescription
logo
Sensortechnics GmbH
AD5000-8TO SENSORTECHNICS-AD5000-8TO Datasheet
406Kb / 2P
   APD with 19.6 mm짼 active area
AD100-8 SENSORTECHNICS-AD100-8 Datasheet
734Kb / 4P
   APD with 0.008 mm짼 active area
AD230-9 SENSORTECHNICS-AD230-9 Datasheet
427Kb / 4P
   APD with 0.04 mm짼 active area
AD500-9.5SMD SENSORTECHNICS-AD500-9.5SMD Datasheet
441Kb / 4P
   APD with 0.2 mm짼 active area
AD500-9SMD SENSORTECHNICS-AD500-9SMD Datasheet
385Kb / 4P
   APD with 0.2 mm짼 active area
AD500-12TO SENSORTECHNICS-AD500-12TO Datasheet
157Kb / 2P
   APD with 0.2 mm짼 active area
AD1100-9TO SENSORTECHNICS-AD1100-9TO Datasheet
247Kb / 2P
   APD with 1.0 mm짼 active area
AD800-9TO SENSORTECHNICS-AD800-9TO Datasheet
202Kb / 2P
   APD with 0.5 mm짼 active area
AD230-12 SENSORTECHNICS-AD230-12 Datasheet
736Kb / 4P
   APD with 0.04 mm짼 active area
AD500-8 SENSORTECHNICS-AD500-8 Datasheet
414Kb / 3P
   APD with 0.2 mm짼 active area
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com