Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD3000-8TO Datasheet(Fiches technique) 1 Page - Sensortechnics GmbH

Numéro de pièce AD3000-8TO
Description  APD with 7 mm² active area
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SENSORTECHNICS [Sensortechnics GmbH]
Site Internet  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

AD3000-8TO Datasheet(HTML) 1 Page - Sensortechnics GmbH

  AD3000-8TO Datasheet HTML 1Page - Sensortechnics GmbH AD3000-8TO Datenblatt HTML 2Page - Sensortechnics GmbH AD3000-8TO Datenblatt HTML 3Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
First Sensor APD Data Sheet
Part Description AD3000-8 TO
Order # 501194; # 500158
Version 20-06-11
Features
Description
Application
RoHS
2002/95/EC
Absolute maximum ratings
Spectral response (M = 100)
Max
125
100
0.25
Schematic
Electro-optical characteristics @ 23 °C
Unit
µm
mm²
nA
pF
A/W
ns
GHz
V
V/K
European, International Sales:
sales.opto@first-sensor.com
sales.us@first-sensor.com
2.2
0.2
2
200
Cut-off frequency
-3dB
ID
Dark current
M = 100
30
Responsivity
M = 100; λ = 800 nm
45
50
7.07
First Sensor AG
Peter-Behrens-Strasse 15
12459 Berlin
Germany
T +49 30 6399 2399
0.45
F +49 30 639923-752
IPEAK
Peak DC current
mA
Active area
Min
diameter 3000
Typ
Max
Symbol
Characteristic
Test Condition
C
Capacitance
M = 100
45
Active area
• Laser range finder
• High speed photometry
• High speed optical
communications
• APD with 7 mm² active area
• 3000 µm diameter active area
• High gain at low bias voltage
• Fast rise time, low capacitance
Symbol
Unit
Min
Circular active area APD chip with
3000 µm diameter. Metal can type
hermetic TO5 package with clear
glass window.
• Medical equipment
Parameter
• Optimum gain: 50-60
TOP
Operating temp
-40
°C
Mmax
Gain (IP0 = 1 nA)
200
TSTG
Storage temp
-55
°C
0.18
tR
Rise time
M = 100; λ = 905 nm; RL = 50 Ω
VBR
Breakdown voltage
IR = 2 µA, VBR - binning available
Excess noise factor
M = 100
USA:
Temperature coefficiant
Change of VBR with temperature
80
Excess noise index
M = 100
First Sensor Inc.
5700 Corsa Avenue #105
Westlake Village
CA 91362 USA
T +1 818 706 3400
F +1 818 889 7053
0
10
20
30
40
50
60
400
450 500
550
600
650
700
750
800
850
900 950 1000 1050 1100
Wavelength (nm)
PIN 2
PIN 3
PIN 1


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn