Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC141555 Fiches technique(PDF) 10 Page - Motorola, Inc

No de pièce MC141555
Description  USB Hub Controller CMOS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141555 Fiches technique(HTML) 10 Page - Motorola, Inc

Back Button MC141555 Datasheet HTML 6Page - Motorola, Inc MC141555 Datasheet HTML 7Page - Motorola, Inc MC141555 Datasheet HTML 8Page - Motorola, Inc MC141555 Datasheet HTML 9Page - Motorola, Inc MC141555 Datasheet HTML 10Page - Motorola, Inc MC141555 Datasheet HTML 11Page - Motorola, Inc MC141555 Datasheet HTML 12Page - Motorola, Inc MC141555 Datasheet HTML 13Page - Motorola, Inc MC141555 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MC141555
10
MOTOROLA
STATUS CHANGE REGISTER
The additional endpoint 1 of the Hub Controller supports interrupt transfer which reports the Hub and Port Status Change
Register, as shown in following table. This register contains only one byte.
Table 7. Status Change Register
REQUEST
The Hub Controller will respond to the HOST Request through the endpoint 0 pipe in the way as illustrated in following tables.
If the Hub responses with STALL packet, it means the request is not supported.
7
DeviceRemovable
1
00h/20h
00h: Indicate all the ports connected to this Hub are
removable.
02h: Indicate Port5 is dedicated to internal use and
permanent attached.
8
PortPwrCtrlMask
1
3Eh/
1Eh/
00h
Indicates all the ports connected to this Hub are not
affected by a Ganged-mode power request, Ports
always require SetPortFeature (PORT_POWER) to
control the port’s power state.
3Eh: 5 downstream ports are individual-controlled
1Eh: 4 downstream ports are individual-controlled
00h: all downstream ports are ganged-controlled
Bit
Function
Value
Description
0
Hub status change
0
1
No status change in Hub
Hub status change detected
1
Port 1 status change
0
1
No status change in Port 1
Port 1 status change detected
2
Port 2 status change
0
1
No status change in Port 2
Port 2 status change detected
3
Port 3 status change
0
1
No status change in Port 3
Port 3 status change detected
4
Port 4 status change
0
1
No status change in Port 4
Port 4 status change detected
5
Port 5 status change
0
1
No status change in Port 5
Port 5 status change detected
6-7
Reserved
00
Default values
Offset
Field
Size
Value
Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Numéro de pièce similaire - MC141555

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC141556 FREESCALE-MC141556 Datasheet
323Kb / 18P
   USB Hub Controller CMOS
MC141556P FREESCALE-MC141556P Datasheet
323Kb / 18P
   USB Hub Controller CMOS
More results

Description similaire - MC141555

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC141556 FREESCALE-MC141556 Datasheet
323Kb / 18P
   USB Hub Controller CMOS
logo
Winbond
W81181D WINBOND-W81181D Datasheet
211Kb / 18P
   USB HUB CONTROLLER
logo
ATMEL Corporation
AT43301 ATMEL-AT43301 Datasheet
16Kb / 2P
   USB HUB CONTROLLER
logo
List of Unclassifed Man...
AU9254A21 ETC-AU9254A21 Datasheet
202Kb / 32P
   USB Hub Controller
AU9254 ETC2-AU9254_05 Datasheet
481Kb / 23P
   USB Hub Controller
logo
ELAN Microelectronics C...
EM77F900 EMC-EM77F900 Datasheet
1Mb / 136P
   USB HUBBB Controller
logo
VIA Labs, Inc
VL812 VIALABS-VL812 Datasheet
1Mb / 18P
   USB 3.0 Hub Controller
logo
NEC
UPD720113 NEC-UPD720113 Datasheet
362Kb / 32P
   USB 2.0 HUB CONTROLLER
logo
List of Unclassifed Man...
AU9462 ETC-AU9462 Datasheet
150Kb / 31P
   USB Keyboard Hub Controller
AU9462 ETC1-AU9462_06 Datasheet
607Kb / 23P
   USB Keyboard Hub Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com