Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD800-9TO Datasheet(Fiches technique) 2 Page - Sensortechnics GmbH

Numéro de pièce AD800-9TO
Description  APD with 0.5 mm² active area
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SENSORTECHNICS [Sensortechnics GmbH]
Site Internet  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

AD800-9TO Datasheet(HTML) 2 Page - Sensortechnics GmbH

  AD800-9TO Datenblatt HTML 1Page - Sensortechnics GmbH AD800-9TO Datasheet HTML 2Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
First Sensor APD Data Sheet
Part Description AD800-9 TO
Order # 501196
Version 19-01-12
Quantum efficiency (23 °C)
Capacitance as fct of reverse bias (23 °C)
Multiplication as fct of bias (23 °C)
Dark current as fct of bias (23 °C)
0
20
40
60
80
100
400
500
600
700
800
900
1000
1100
Wavelength (nm)
0
10
20
30
40
50
60
70
80
0
10
20
30
40
50
60
Reverse bias (V)
10
100
1.000
1,0E-09
1,0E-08
1,0E-07
Application hints:
• For high gain applications bias voltage should be temperature compensated
• Please consider basic ESD protection while handling
• Use low noise read-out - IC
• For further questions please refer to document "Instructions for handling and processing"
• Optimum gain: 50-60
Package dimension:
Small quantities: Foam pad, boxed (12 cm x 16.5 cm)
Disclaimer:
Due to our strive for continuous improvement, specifications are subject to change within our PCN policy according to JESD46C.
European, International Sales:
First Sensor, Inc.
Phone: +49-30-6399-2399
Fax:
+49-30-6399-23752
Fax:
+1-818-889-7053
Phone: +1-818-706-3400
Westlake Village
5700 Corsa Avenue #105
First Sensor AG
Peter-Behrens-Strasse 15
12459 Berlin
Germany
USA:
CA 91362 USA
• Current should be limited by a protecting resistor or current limiting - IC
inside the power supply
• For low light level applications blocking of ambient light should be used
0
20
40
60
80
100
400
500
600
700
800
900
1000
1100
Wavelength (nm)
0
10
20
30
40
50
60
70
80
0
10
20
30
40
50
60
Reverse bias (V)
1
10
100
1.000
20
40
60
80
100
120
140
160
180
200
220
Reverse bias (V)
1,0E-10
1,0E-09
1,0E-08
1,0E-07
20
40
60
80
100
120
140
160
180
200
220
Reverse bias (V)
Diode, protective circuit
Read-out circuit or
f.e. 50 Load resistance
min. 0,1 µF,
closest to APD
Current limiting resistor
Bias supply voltage
APD
E-Mail: sales@pacific-sensor.com
Fax:
+49-30-6399-23752
Fax:
+1-818-889-7053
E-Mail: sales.opto@first-sensor.com


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn