Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD500-12TO Fiches technique(PDF) 2 Page - Sensortechnics GmbH

No de pièce AD500-12TO
Description  APD with 0.2 mm짼 active area
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SENSORTECHNICS [Sensortechnics GmbH]
Site Internet  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

AD500-12TO Fiches technique(HTML) 2 Page - Sensortechnics GmbH

  AD500-12TO Datasheet HTML 1Page - Sensortechnics GmbH AD500-12TO Datasheet HTML 2Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
First Sensor APD Data Sheet
Part Description AD500-12 TO
Order # 501163
Version 02-08-13
Quantum efficiency (23 °C)
Capacitance as fct of reverse bias (23 °C)
Multiplication as fct of bias (23 °C)
Dark current as fct of bias (23 °C)
Application hints:
• For low light level applications blocking of ambient light should be used
• For high gain applications bias voltage should be temperature compensated
• Please consider basic ESD protection while handling
• Use low noise read-out - IC
• For further questions please refer to document "Instructions for handling and processing"
Package dimension:
Small quantities: Foam pad, boxed (12 cm x 16.5 cm)
Disclaimer:
Due to our strive for continuous improvement, specifications are subject to change within our PCN policy according to JESD46C.
European, International Sales:
sales.opto@first-sensor.com
sales.us@first-sensor.com
• Current should be limited by a protecting resistor or current limiting - IC
inside the power supply
CA 91362 USA
F +1 818 889 7053
T +1 818 706 3400
Westlake Village
5700 Corsa Avenue #105
First Sensor Inc.
USA:
First Sensor AG
Peter-Behrens-Strasse 15
12459 Berlin
Germany
T +49 30 6399 2399
F +49 30 639923-752
0
20
40
60
80
100
400 450 500 550 600 650 700 750 800 850 900 950 100010501100
Wavelength (nm)
0
10
20
30
40
50
60
0
10
20
30
40
50
60
Reverse bias (V)
1
10
100
1.000
20
30
40
50
60
70
80
90
Reverse bias [V]
1,0E-11
1,0E-10
1,0E-09
20
30
40
50
60
70
80
90
Reverse bias [V]
Diode, protective circuit
Read-out circuit or
f.e. 50 Load resistance
min. 0,1 µF,
closest to APD
Current limiting resistor
Bias supply voltage
APD


Numéro de pièce similaire - AD500-12TO

FabricantNo de pièceFiches techniqueDescription
logo
Sensortechnics GmbH
AD500-12SMD SENSORTECHNICS-AD500-12SMD Datasheet
359Kb / 4P
   APD with 0.2 mm짼 active area
More results

Description similaire - AD500-12TO

FabricantNo de pièceFiches techniqueDescription
logo
Sensortechnics GmbH
AD500-8 SENSORTECHNICS-AD500-8 Datasheet
414Kb / 3P
   APD with 0.2 mm짼 active area
AD500-9TO SENSORTECHNICS-AD500-9TO Datasheet
444Kb / 4P
   APD with 0.2 mm짼 active area
logo
List of Unclassifed Man...
AD500-9-TO52-S1 ETC2-AD500-9-TO52-S1 Datasheet
901Kb / 4P
   APD with 0.2 mm짼 active area
logo
Sensortechnics GmbH
AD500-12SMD SENSORTECHNICS-AD500-12SMD Datasheet
359Kb / 4P
   APD with 0.2 mm짼 active area
AD500-9.5SMD SENSORTECHNICS-AD500-9.5SMD Datasheet
441Kb / 4P
   APD with 0.2 mm짼 active area
AD500-9SMD SENSORTECHNICS-AD500-9SMD Datasheet
385Kb / 4P
   APD with 0.2 mm짼 active area
AD100-8 SENSORTECHNICS-AD100-8 Datasheet
734Kb / 4P
   APD with 0.008 mm짼 active area
AD230-9 SENSORTECHNICS-AD230-9 Datasheet
427Kb / 4P
   APD with 0.04 mm짼 active area
AD1100-9TO SENSORTECHNICS-AD1100-9TO Datasheet
247Kb / 2P
   APD with 1.0 mm짼 active area
AD800-9TO SENSORTECHNICS-AD800-9TO Datasheet
202Kb / 2P
   APD with 0.5 mm짼 active area
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com