Moteur de recherche de fiches techniques de composants électroniques |
|
AD500-12TO Fiches technique(PDF) 1 Page - Sensortechnics GmbH |
|
AD500-12TO Fiches technique(HTML) 1 Page - Sensortechnics GmbH |
1 / 2 page First Sensor APD Data Sheet Part Description AD500-12 TO Order # 501163 Version 02-08-13 Features Description Application RoHS 2002/95/EC Absolute maximum ratings Spectral response (M = 100) Max 125 100 0.3 Schematic Electro-optical characteristics @ 23 °C Unit µm mm² nA pF A/W ns GHz V V/K European, International Sales: sales.opto@first-sensor.com sales.us@first-sensor.com x 2.0 0.15 First Sensor AG Peter-Behrens-Strasse 15 12459 Berlin Germany T +49 30 6399 2399 tR Rise time M = 100; λ = 660 nm; RL = 50 Ω 0.35 F +49 30 639923-752 VBR Breakdown voltage IR = 2 µA, VBR - binning available F Excess noise factor M = 100 USA: Temperature coefficiant Change of VBR with temperature 60 Excess noise index M = 100 0.2 90 120 Cut-off frequency -3dB, phase shift mode 2 3 4.5 ID Dark current M = 100 0.3 2.0 Responsivity M = 100; λ = 660 nm 45 50 TSTG Storage temp -55 °C C Capacitance M = 100 Characteristic Test Condition TOP Operating temp -40 °C Mmax Gain (IP0 = 1 nA) 200 • Laser range finder • High speed photometry • High speed optical communications • APD with 0.2 mm² active area • Optimized for 550 nm to 750 nm • Very high sensitivity • High cut-off frequency Symbol Unit Min Circular active area APD chip with 500 µm diameter. Metal can type hermetic TO52S1 package with clear glass window. • Medical equipment Parameter • Ultra low temperature coefficient IPEAK Peak DC current mA Active area Min diameter 500 Active area 0.196 Typ Max Symbol First Sensor Inc. 5700 Corsa Avenue #105 Westlake Village CA 91362 USA T +1 818 706 3400 F +1 818 889 7053 0 10 20 30 40 50 60 400 450 500 550 600 650 700 750 800 850 900 950 1000 1050 1100 Wavelength (nm) PIN 1 PIN 4 PIN 3 |
Numéro de pièce similaire - AD500-12TO |
|
Description similaire - AD500-12TO |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |