Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD500-10 Fiches technique(PDF) 1 Page - Sensortechnics GmbH

No de pièce AD500-10
Description  500 關m active area
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SENSORTECHNICS [Sensortechnics GmbH]
Site Internet  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

AD500-10 Fiches technique(HTML) 1 Page - Sensortechnics GmbH

  AD500-10 Datasheet HTML 1Page - Sensortechnics GmbH AD500-10 Datasheet HTML 2Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
First Sensor APD Data Sheet
Part Description AD500-10 TO
Order # 500953
Version 09-10-15
Features
Description
Application
RoHS
2011/65/EU
Absolute maximum ratings
Spectral response (M = 100; 23 °C)
Max
125
100
0.25
Schematic
Electro-optical characteristics @ 23 °C
Unit
µm
mm²
nA
pF
A/W
A/W
ns
MHz
V
Temperature coefficient
V/K
* please note that depending on operation voltage APD operation at temperatures below -15°C may require sophisticated control circuit.
European, International Sales:
sales.opto@first-sensor.com
sales.us@first-sensor.com
• Pulsed 1064 nm laser detection
• Laser range finding
• Fluorescence detection
• ø 500 µm active area
• High QE for λ = 850-1064 nm
• Low noise
• Low slope multiplication curve
Symbol
Unit
Min
Parameter
Circular active area APD chip with IR
enhanced sensitivity. Very low dark
current due to guard ring diode.
Metal can type hermetic TO5i
package with clear glass window.
TSTG
Storage temp
-55
°C
TOP
Operating temp
-40*
°C
Mmax
Gain (IP0 = 1 nA)
1000
Typ
Max
Symbol
Characteristic
Test Condition
IPEAK
Peak DC current
mA
Active area
0.2
Active area
Min
ø 500
ID
Dark current
M = 100
1.5
10
Westlake Village
CA 91362 USA
59
M = 100; λ = 1064 nm
49
IR = 2 µA
220
300
3.3
VBR
tR
Rise time
T +1 818 706 3400
F +1 818 889 7053
First Sensor Inc.
5700 Corsa Avenue #105
C
Capacitance
M = 100
0.5
600
90
Breakdown voltage
tR
Cut-off frequency
-3dB
Responsivity
M = 100; λ = 1064 nm; RL = 50 Ω
4
USA:
Responsivity
M = 100; λ = 905 nm
First Sensor AG
Peter-Behrens-Strasse 15
12459 Berlin
Germany
T +49 30 6399 2399
F +49 30 639923-752
0
10
20
30
40
50
60
70
500
600
700
800
900
1000
1100
Wavelength (nm)
PIN 2
PIN 3
PIN 4
GR
PIN 1


Numéro de pièce similaire - AD500-10

FabricantNo de pièceFiches techniqueDescription
logo
Sensortechnics GmbH
AD500-12SMD SENSORTECHNICS-AD500-12SMD Datasheet
359Kb / 4P
   APD with 0.2 mm짼 active area
AD500-12TO SENSORTECHNICS-AD500-12TO Datasheet
157Kb / 2P
   APD with 0.2 mm짼 active area
AD500-13G-TO5 SENSORTECHNICS-AD500-13G-TO5 Datasheet
584Kb / 3P
   횈 0.500 mm active area
More results

Description similaire - AD500-10

FabricantNo de pièceFiches techniqueDescription
logo
Sensortechnics GmbH
AD800-10TO SENSORTECHNICS-AD800-10TO Datasheet
307Kb / 2P
   800 關m active area
AD4000-10TO SENSORTECHNICS-AD4000-10TO Datasheet
365Kb / 2P
   4000 關m active area
AD800-11TO SENSORTECHNICS-AD800-11TO Datasheet
408Kb / 2P
   800 關m active area
AD1500-10TO SENSORTECHNICS-AD1500-10TO Datasheet
307Kb / 2P
   첩 1500 關m active area
AD1900-11TO SENSORTECHNICS-AD1900-11TO Datasheet
413Kb / 2P
   첩 1900 關m active area
logo
OptoDiode Corp
AXUV300C OPTODIODE-AXUV300C Datasheet
309Kb / 2P
   Rectangular active area
AXUV20A OPTODIODE-AXUV20A_18 Datasheet
455Kb / 3P
   Circular Active Area
logo
ANADIGICS, Inc
PD500 ANADIGICS-PD500 Datasheet
122Kb / 2P
   500關m InGaAs Photodiode
logo
Sensortechnics GmbH
AD500-9-400M-TO5 SENSORTECHNICS-AD500-9-400M-TO5 Datasheet
590Kb / 3P
   0.500 mm active area
AD500-8-13G SENSORTECHNICS-AD500-8-13G Datasheet
258Kb / 3P
   0.500 mm active area
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com