Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD500-9TO Fiches technique(PDF) 1 Page - Sensortechnics GmbH

No de pièce AD500-9TO
Description  APD with 0.2 mm짼 active area
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SENSORTECHNICS [Sensortechnics GmbH]
Site Internet  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

AD500-9TO Fiches technique(HTML) 1 Page - Sensortechnics GmbH

  AD500-9TO Datasheet HTML 1Page - Sensortechnics GmbH AD500-9TO Datasheet HTML 2Page - Sensortechnics GmbH AD500-9TO Datasheet HTML 3Page - Sensortechnics GmbH AD500-9TO Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
First Sensor APD Data Sheet
Part Description AD500-9 TO
Order # 500031; 500306; 500156; 500590
Version 14-08-14
Features
Description
Application
RoHS
2002/95/EC
Absolute maximum ratings
Spectral response (M = 100)
Max
125
100
0.25
500031;500306;500590
Electro-optical characteristics @ 23 °C
Unit
µm
mm²
nA
pF
A/W
A/W
ns
GHz
V
V/K
*please add a "01" to the order numer for VBR-class 160V-200V and a "02" for VBR-class 200V-240V
European, International Sales:
sales.opto@first-sensor.com
sales.us@first-sensor.com
ID
Dark current
M = 100
0.8
2.0
Responsivity
M = 100; λ = 905 nm
48
52
C
0.196
First Sensor AG
Peter-Behrens-Strasse 15
12459 Berlin
Germany
T +49 30 6399 2399
USA:
Excess noise index
M = 100
49
0.55
1.55
240
0.5
F +49 30 639923-752
Active area
Capacitance
M = 100
1.2
mA
Active area
Min
diameter 500
Typ
Max
Symbol
Characteristic
Test Condition
500156
• Laser range finder
• High speed photometry
• High speed optical
communications
• APD with 0.2 mm² active area
• Slow multiplication curve
• QE > 80% @ 750 nm-910 nm
• Fast rise time, low noise
Symbol
Unit
Min
Circular active area APD chip with
NIR enhanced sensitivity. Metal can
type hermetic TO52 package with
clear glass window. Four TO52
types available.
• Medical equipment
Parameter
• Optimum gain: 50-60
TSTG
Storage temp
-55
°C
tR
Rise time
M = 100; λ = 905 nm; RL = 50 Ω
VBR
Breakdown voltage
IR = 2 µA, VBR - binning available*
TOP
Operating temp
-40
°C
Mmax
Gain (IP0 = 1 nA)
200
IPEAK
Peak DC current
Responsivity with filter
Article 500590; M = 100; λ = 905 nm
38
Cut-off frequency
-3dB
Temperature coefficiant
Change of VBR with temperature
1.25
160
F +1 818 889 7053
Excess noise factor
M = 100
2.5
0.2
First Sensor Inc.
5700 Corsa Avenue #105
Westlake Village
CA 91362 USA
T +1 818 706 3400
0
10
20
30
40
50
60
70
400 450 500 550 600 650 700 750 800 850 900 950 1000 1050 1100
Wavelength (nm)
w/o filter
with filter
# 500590
PIN 1
PIN 4
PIN 3
PIN 1
PIN 2
PIN 2
# 500031
# 500306
# 500156
# 500590


Numéro de pièce similaire - AD500-9TO

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AD500-9 ETC1-AD500-9 Datasheet
215Kb / 2P
   Avalanche Photodiode NIR
logo
Sensortechnics GmbH
AD500-9-400M-TO5 SENSORTECHNICS-AD500-9-400M-TO5 Datasheet
590Kb / 3P
   0.500 mm active area
AD500-9-8015-TO52 SENSORTECHNICS-AD500-9-8015-TO52 Datasheet
410Kb / 3P
   0.500 mm active area
logo
List of Unclassifed Man...
AD500-9-TO52-S1 ETC2-AD500-9-TO52-S1 Datasheet
901Kb / 4P
   APD with 0.2 mm짼 active area
logo
Sensortechnics GmbH
AD500-9.5SMD SENSORTECHNICS-AD500-9.5SMD Datasheet
441Kb / 4P
   APD with 0.2 mm짼 active area
More results

Description similaire - AD500-9TO

FabricantNo de pièceFiches techniqueDescription
logo
Sensortechnics GmbH
AD500-8 SENSORTECHNICS-AD500-8 Datasheet
414Kb / 3P
   APD with 0.2 mm짼 active area
logo
List of Unclassifed Man...
AD500-9-TO52-S1 ETC2-AD500-9-TO52-S1 Datasheet
901Kb / 4P
   APD with 0.2 mm짼 active area
logo
Sensortechnics GmbH
AD500-12SMD SENSORTECHNICS-AD500-12SMD Datasheet
359Kb / 4P
   APD with 0.2 mm짼 active area
AD500-9.5SMD SENSORTECHNICS-AD500-9.5SMD Datasheet
441Kb / 4P
   APD with 0.2 mm짼 active area
AD500-9SMD SENSORTECHNICS-AD500-9SMD Datasheet
385Kb / 4P
   APD with 0.2 mm짼 active area
AD500-12TO SENSORTECHNICS-AD500-12TO Datasheet
157Kb / 2P
   APD with 0.2 mm짼 active area
AD100-8 SENSORTECHNICS-AD100-8 Datasheet
734Kb / 4P
   APD with 0.008 mm짼 active area
AD230-9 SENSORTECHNICS-AD230-9 Datasheet
427Kb / 4P
   APD with 0.04 mm짼 active area
AD1100-9TO SENSORTECHNICS-AD1100-9TO Datasheet
247Kb / 2P
   APD with 1.0 mm짼 active area
AD800-9TO SENSORTECHNICS-AD800-9TO Datasheet
202Kb / 2P
   APD with 0.5 mm짼 active area
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com