Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD500-9SMD Fiches technique(PDF) 4 Page - Sensortechnics GmbH

No de pièce AD500-9SMD
Description  APD with 0.2 mm짼 active area
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SENSORTECHNICS [Sensortechnics GmbH]
Site Internet  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

AD500-9SMD Fiches technique(HTML) 4 Page - Sensortechnics GmbH

  AD500-9SMD Datasheet HTML 1Page - Sensortechnics GmbH AD500-9SMD Datasheet HTML 2Page - Sensortechnics GmbH AD500-9SMD Datasheet HTML 3Page - Sensortechnics GmbH AD500-9SMD Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
First Sensor APD Data Sheet
First Sensor APD Data Sheet
Part Description AD500-9 SMD
Part Description AD500-9 SMD
Order # 501122; 501818
Order # 501122; 501818
Version 14-08-14
Version 14-08-14
Package dimension, large quantities on reel
Package dimension, small quantities in trays
Pocket location
M
=
11.81 mm ± 0.13 mm
M1
=
11.81 mm ± 0.13 mm
M2
=
8.64 mm ± 0.13 mm
M3
=
8.64 mm ± 0.13 mm
Array
=
10 x 10 (100)
Pocket details
X
=
4.60 mm ± 0.13 mm
Y
=
3.71 mm ± 0.13 mm
Z
=
2.16 mm ± 0.13 mm
A
=
5° ± 0.5°, no cross slots
Overall tray size
Size
=
101.60 mm ± 0.13 mm
Height
=
8.00 mm ± 0.13 mm
Flatness
=
0.51 mm
Disclaimer:
Due to our strive for continuous improvement, specifications are subject to change within our PCN policy according to JESD46C.
European, International Sales:
sales.opto@first-sensor.com
sales.us@first-sensor.com
Germany
T +49 30 6399 2399
F +49 30 639923-752
USA:
First Sensor Inc.
5700 Corsa Avenue #105
First Sensor AG
Peter-Behrens-Strasse 15
12459 Berlin
T +1 818 706 3400
F +1 818 889 7053
Westlake Village
CA 91362 USA


Numéro de pièce similaire - AD500-9SMD

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AD500-9 ETC1-AD500-9 Datasheet
215Kb / 2P
   Avalanche Photodiode NIR
logo
Sensortechnics GmbH
AD500-9-400M-TO5 SENSORTECHNICS-AD500-9-400M-TO5 Datasheet
590Kb / 3P
   0.500 mm active area
AD500-9-8015-TO52 SENSORTECHNICS-AD500-9-8015-TO52 Datasheet
410Kb / 3P
   0.500 mm active area
logo
List of Unclassifed Man...
AD500-9-TO52-S1 ETC2-AD500-9-TO52-S1 Datasheet
901Kb / 4P
   APD with 0.2 mm짼 active area
logo
Sensortechnics GmbH
AD500-9.5SMD SENSORTECHNICS-AD500-9.5SMD Datasheet
441Kb / 4P
   APD with 0.2 mm짼 active area
More results

Description similaire - AD500-9SMD

FabricantNo de pièceFiches techniqueDescription
logo
Sensortechnics GmbH
AD500-8 SENSORTECHNICS-AD500-8 Datasheet
414Kb / 3P
   APD with 0.2 mm짼 active area
AD500-9TO SENSORTECHNICS-AD500-9TO Datasheet
444Kb / 4P
   APD with 0.2 mm짼 active area
logo
List of Unclassifed Man...
AD500-9-TO52-S1 ETC2-AD500-9-TO52-S1 Datasheet
901Kb / 4P
   APD with 0.2 mm짼 active area
logo
Sensortechnics GmbH
AD500-12SMD SENSORTECHNICS-AD500-12SMD Datasheet
359Kb / 4P
   APD with 0.2 mm짼 active area
AD500-9.5SMD SENSORTECHNICS-AD500-9.5SMD Datasheet
441Kb / 4P
   APD with 0.2 mm짼 active area
AD500-12TO SENSORTECHNICS-AD500-12TO Datasheet
157Kb / 2P
   APD with 0.2 mm짼 active area
AD100-8 SENSORTECHNICS-AD100-8 Datasheet
734Kb / 4P
   APD with 0.008 mm짼 active area
AD230-9 SENSORTECHNICS-AD230-9 Datasheet
427Kb / 4P
   APD with 0.04 mm짼 active area
AD1100-9TO SENSORTECHNICS-AD1100-9TO Datasheet
247Kb / 2P
   APD with 1.0 mm짼 active area
AD800-9TO SENSORTECHNICS-AD800-9TO Datasheet
202Kb / 2P
   APD with 0.5 mm짼 active area
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com