Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD500-9.5SMD Fiches technique(PDF) 1 Page - Sensortechnics GmbH

No de pièce AD500-9.5SMD
Description  APD with 0.2 mm짼 active area
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SENSORTECHNICS [Sensortechnics GmbH]
Site Internet  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

AD500-9.5SMD Fiches technique(HTML) 1 Page - Sensortechnics GmbH

  AD500-9.5SMD Datasheet HTML 1Page - Sensortechnics GmbH AD500-9.5SMD Datasheet HTML 2Page - Sensortechnics GmbH AD500-9.5SMD Datasheet HTML 3Page - Sensortechnics GmbH AD500-9.5SMD Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
First Sensor APD Data Sheet
Part Description AD500-9.5 SMD
Order # 501325
Version 03-02-16
Features
Description
Application
RoHS
2011/65/EU
Absolute maximum ratings
Spectral response chip (M = 100)
Max
100
70
0.25
Schematic
Electro-optical characteristics @ 23 °C
Unit
µm
mm²
nA
pF
A/W
tR
Rise time
ns
Cut-off frequency
GHz
VBR
Breakdown voltage
V
Temperature coefficient
V/K
Excess noise factor
M = 100
European, International Sales:
sales.opto@first-sensor.com
sales.us@first-sensor.com
0.3
First Sensor Inc.
5700 Corsa Avenue #105
Westlake Village
CA 91362 USA
F +1 818 889 7053
-3dB
M = 100; λ = 905 nm; RL = 50 Ω
IR = 2 µA, VBR - binning available
Change of VBR with temperature
260
340
USA:
Excess noise index
M = 100
F +49 30 639923-752
TOP
Operating temp
-20
°C
Mmax
Gain (IP0 = 1 nA)
200
TSTG
Storage temp
-40
°C
• Laser range finder
• High speed photometry
• High speed optical
communications
• APD with 0.2 mm² active area
• Slow multiplication curve
• QE > 80% @ 730 nm-930 nm
• Fast rise time, low noise
Symbol
Unit
Min
• Medical equipment
Parameter
• Optimum gain: 50-60
Circular active area APD chip with
NIR enhanced sensitivity. Ceramic
carrier type non hermetic SMD
package with clear glass or filter
window. Reflow solderable. Filter
on request.
IPEAK
Peak DC current
mA
Active area
Min
diameter 500
Typ
Max
Symbol
Characteristic
Test Condition
12459 Berlin
Germany
T +49 30 6399 2399
C
Capacitance
M = 100
1.0
Responsivity
M = 100; λ = 905 nm
60
64
68
1.6
2
0.2
2.0
T +1 818 706 3400
Active area
0.196
First Sensor AG
Peter-Behrens-Strasse 15
ID
Dark current
M = 100
0.5
2.0
2.3
2.6
4.0
0
10
20
30
40
50
60
70
400 450 500 550 600 650 700 750 800 850 900 950 1000 1050 1100
Wavelength (nm)
w/o filter
PIN 1
PIN 3


Numéro de pièce similaire - AD500-9.5SMD

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AD500-9 ETC1-AD500-9 Datasheet
215Kb / 2P
   Avalanche Photodiode NIR
logo
Sensortechnics GmbH
AD500-9-400M-TO5 SENSORTECHNICS-AD500-9-400M-TO5 Datasheet
590Kb / 3P
   0.500 mm active area
AD500-9-8015-TO52 SENSORTECHNICS-AD500-9-8015-TO52 Datasheet
410Kb / 3P
   0.500 mm active area
logo
List of Unclassifed Man...
AD500-9-TO52-S1 ETC2-AD500-9-TO52-S1 Datasheet
901Kb / 4P
   APD with 0.2 mm짼 active area
logo
Sensortechnics GmbH
AD500-9SMD SENSORTECHNICS-AD500-9SMD Datasheet
385Kb / 4P
   APD with 0.2 mm짼 active area
More results

Description similaire - AD500-9.5SMD

FabricantNo de pièceFiches techniqueDescription
logo
Sensortechnics GmbH
AD500-8 SENSORTECHNICS-AD500-8 Datasheet
414Kb / 3P
   APD with 0.2 mm짼 active area
AD500-9TO SENSORTECHNICS-AD500-9TO Datasheet
444Kb / 4P
   APD with 0.2 mm짼 active area
logo
List of Unclassifed Man...
AD500-9-TO52-S1 ETC2-AD500-9-TO52-S1 Datasheet
901Kb / 4P
   APD with 0.2 mm짼 active area
logo
Sensortechnics GmbH
AD500-12SMD SENSORTECHNICS-AD500-12SMD Datasheet
359Kb / 4P
   APD with 0.2 mm짼 active area
AD500-9SMD SENSORTECHNICS-AD500-9SMD Datasheet
385Kb / 4P
   APD with 0.2 mm짼 active area
AD500-12TO SENSORTECHNICS-AD500-12TO Datasheet
157Kb / 2P
   APD with 0.2 mm짼 active area
AD100-8 SENSORTECHNICS-AD100-8 Datasheet
734Kb / 4P
   APD with 0.008 mm짼 active area
AD230-9 SENSORTECHNICS-AD230-9 Datasheet
427Kb / 4P
   APD with 0.04 mm짼 active area
AD1100-9TO SENSORTECHNICS-AD1100-9TO Datasheet
247Kb / 2P
   APD with 1.0 mm짼 active area
AD800-9TO SENSORTECHNICS-AD800-9TO Datasheet
202Kb / 2P
   APD with 0.5 mm짼 active area
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com