Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD500-8-13G Fiches technique(PDF) 1 Page - Sensortechnics GmbH

No de pièce AD500-8-13G
Description  0.500 mm active area
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SENSORTECHNICS [Sensortechnics GmbH]
Site Internet  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

AD500-8-13G Fiches technique(HTML) 1 Page - Sensortechnics GmbH

  AD500-8-13G Datasheet HTML 1Page - Sensortechnics GmbH AD500-8-13G Datasheet HTML 2Page - Sensortechnics GmbH AD500-8-13G Datasheet HTML 3Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
10/3/2013
SCHEMATIC
First Sensor APD Hybrid Series Data Sheet
Part Description AD500-8-1.3G-MINI
US Order # 05-085
International Order # 501536
ACTIVE AREA: 0.196 mm
(500 µm DIAMETER)
2
BACKSIDE VIEW
CHIP DIMENSIONS
PIN 1
5 PL
CASE/GND
PIN 5
Ø4.70
12.7
Ø0.46
5 PL
PIN CIRCLE
±1
OUT-
V
+VBIAS
CC
VOUT+
V
PIN 4
PIN 3
PIN 2
45°
Ø2.0 MIN
AD
500
Ø5.40
2.1
2.95
Ø2.54
1.00 SQ
FEATURES
DESCRIPTION
APPLICATIONS
  0.500 mm active area
 Low noise
 High speed
 Miniaturized
The AD500-8-1.3G-MINI is an Avalanche Photodiode Amplifier
Hybrid containing a 0.196 mm
2 active area APD chip integrated
with an internal transimpedance amplifier. Hermetically
packaged in a TO-52 with a borosilicate glass window cap.
 Lidar
 Analytical instruments
 Medical equipment
ABSOLUTE MAXIMUM RATING
SPECTRAL RESPONSE at M = 100
SYMBOL PARAMETER
MIN
MAX
UNITS
TSTG
Storage Temp
-55
+125
C
TOP
Operating Temp
0
+60
C
TSOLDERING
Soldering Temp
-
+240
C
P
Power Dissipation
-
360
mW
Vcc
Single Supply Voltage
+3.0
+5.5
V
Icc
Supply Current
-
63
mA
ELECTRO-OPTICAL CHARACTERISTICS @ 23
 C (V
CC = single supply +3.3V, RL = 100W unless otherwise specified)
SYMBOL
CHARACTERISTIC
TEST CONDITIONS
MIN
TYP
MAX
UNITS
-3dB
Frequency Response
-3dB @ 905 nm
---
1.3
---
GHz
S
Sensitivity*
 = 905 nm; M = 100
---
85
---
mV/µW
Icc
Supply Current
Dark state
---
34
63
mA
* Sensitivity = APD responsivity (0.3 A/W X 100 gain) x TIA gain (2.8K)
These devices are sensitive to electrostatic discharge. Please use ESD precautions when handling.
Disclaimer: Due to our policy of continued development, specifications are subject to change without notice.
400
500
600
700
800
900
1000
1100
WAVELENGTH (nm)
0
10
20
30
40
50
60
PIN 2
C1
C2
+V
PIN 3
BIAS
PIN 1
OUT+
OUT-
PIN 4
CASE/GND
PIN 5
CC (+3.3V)
V
AD500-8
S
C


Numéro de pièce similaire - AD500-8-13G

FabricantNo de pièceFiches techniqueDescription
logo
Sensortechnics GmbH
AD500-8 SENSORTECHNICS-AD500-8 Datasheet
414Kb / 3P
   APD with 0.2 mm짼 active area
More results

Description similaire - AD500-8-13G

FabricantNo de pièceFiches techniqueDescription
logo
Sensortechnics GmbH
AD500-9-400M-TO5 SENSORTECHNICS-AD500-9-400M-TO5 Datasheet
590Kb / 3P
   0.500 mm active area
AD500-9-8015-TO52 SENSORTECHNICS-AD500-9-8015-TO52 Datasheet
410Kb / 3P
   0.500 mm active area
AD500-13G-TO5 SENSORTECHNICS-AD500-13G-TO5 Datasheet
584Kb / 3P
   횈 0.500 mm active area
AD230-8-2G SENSORTECHNICS-AD230-8-2G Datasheet
584Kb / 3P
   0.230 mm active area
AD230-9-400M-TO5 SENSORTECHNICS-AD230-9-400M-TO5 Datasheet
592Kb / 3P
   0.230 mm active area
logo
List of Unclassifed Man...
PS100-7SM ETC2-PS100-7SM Datasheet
213Kb / 2P
   10.0 mm square active area
logo
OptoDiode Corp
AXUV20HS1 OPTODIODE-AXUV20HS1 Datasheet
142Kb / 2P
   PHOTODIODE 5 mm Circular active area
AXUV100TI OPTODIODE-AXUV100TI Datasheet
238Kb / 2P
   PHOTODIODE 100 mm Square active area
AXUV100AL OPTODIODE-AXUV100AL Datasheet
194Kb / 2P
   PHOTODIODE 100 mm Square active area
AXUV576C OPTODIODE-AXUV576C Datasheet
190Kb / 2P
   ELECTRON DETECTION 576 mm Square active area
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com