Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD500-8 Datasheet(Fiches technique) 3 Page - Sensortechnics GmbH

Numéro de pièce AD500-8
Description  APD with 0.2 mm² active area
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SENSORTECHNICS [Sensortechnics GmbH]
Site Internet  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

AD500-8 Datasheet(HTML) 3 Page - Sensortechnics GmbH

  AD500-8 Datenblatt HTML 1Page - Sensortechnics GmbH AD500-8 Datenblatt HTML 2Page - Sensortechnics GmbH AD500-8 Datasheet HTML 3Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
First Sensor APD Data Sheet
First Sensor APD Data Sheet
Part Description AD500-8 TO
Part Description AD500-8 TO
Order # 500030; 500305; 500155
Order # 500030; 500305; 500155
Version 14-08-14
Version 14-08-14
Order # 500030, Package: TO52S1 Order # 500305, Package: TO52S2
Order # 500155, Package: TO52S3
Package dimension:
Small quantities: Foam pad, boxed (12 cm x 16.5 cm)
Disclaimer:
Due to our strive for continuous improvement, specifications are subject to change within our PCN policy according to JESD46C.
European, International Sales:
sales.opto@first-sensor.com
sales.us@first-sensor.com
First Sensor Inc.
5700 Corsa Avenue #105
Westlake Village
CA 91362 USA
USA:
T +1 818 706 3400
F +1 818 889 7053
F +49 30 639923-752
First Sensor AG
Peter-Behrens-Strasse 15
12459 Berlin
Germany
T +49 30 6399 2399


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn