Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2671MX-3.3 Fiches technique(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM2671MX-3.3
Description  SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2671MX-3.3 Fiches technique(HTML) 4 Page - National Semiconductor (TI)

  LM2671MX-3.3 Datasheet HTML 1Page - National Semiconductor (TI) LM2671MX-3.3 Datasheet HTML 2Page - National Semiconductor (TI) LM2671MX-3.3 Datasheet HTML 3Page - National Semiconductor (TI) LM2671MX-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LM2671MX-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LM2671MX-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LM2671MX-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LM2671MX-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LM2671MX-3.3 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LM2671-ADJ (Continued)
Symbol
Parameter
Conditions
Typ
Min
Max
Units
(Note 4)
(Note 5)
(Note 5)
V
FB
Feedback
Voltage
V
IN = 6.5V to 40V, ILOAD = 20mAto250 mA
1.210
1.192/1.174
1.228/1.246
V
V
OUT Programmed for 5V
(see Circuit of Figure 3)
η
Efficiency
V
IN = 12V, ILOAD = 500 mA
90
%
All Output Voltage Versions
Specifications with standard type face are for T
J = 25˚C, and those in bold type face apply over full Operating Temperature
Range. Unless otherwise specified, V
IN = 12V for the 3.3V, 5V, and Adjustable versions and VIN = 24V for the 12V version,
and I
LOAD = 100 mA.
Symbol
Parameters
Conditions
Typ
Min
Max
Units
DEVICE PARAMETERS
I
Q
Quiescent Current
V
FEEDBACK = 8V
2.5
3.6
mA
For 3.3V, 5.0V, and ADJ Versions
V
FEEDBACK = 15V
2.5
mA
For 12V Versions
I
STBY
Standby Quiescent Current
ON/OFF Pin = 0V
50
100/150
µA
I
CL
Current Limit
0.8
0.62/0.575
1.2/1.25
A
I
L
Output Leakage Current
V
IN = 40V, ON/OFF Pin = 0V
125
µA
V
SWITCH =0V
V
SWITCH = −1V, ON/OFF Pin = 0V
615
mA
R
DS(ON)
Switch On-Resistance
I
SWITCH = 500 mA
0.25
0.40/0.60
f
O
Oscillator Frequency
Measured at Switch Pin
260
225
275
kHz
D
Maximum Duty Cycle
95
%
Minimum Duty Cycle
0
%
I
BIAS
Feedback Bias
V
FEEDBACK = 1.3V
85
nA
Current
ADJ Version Only
V
S/D
ON/OFF Pin
1.4
0.8
2.0
V
Voltage Thesholds
I
S/D
ON/OFF Pin Current
ON/OFF Pin = 0V
20
737
µA
F
SYNC
Synchronization Frequency
V
SYNC = 3.5V, 50% duty cycle
400
kHz
V
SYNC
Synchronization Threshold
Voltage
1.4
V
V
SS
Soft-Start Voltage
0.63
0.53
0.73
V
I
SS
Soft-Start Current
4.5
1.5
6.9
µA
θ
JA
Thermal Resistance
N Package, Junction to Ambient (Note 6)
95
˚C/W
M Package, Junction to Ambient (Note 6)
105
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but device parameter specifications may not be guaranteed under these conditions. For guaranteed specifications and test conditions, see
the Electrical Characteristics.
Note 2: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Note 3: External components such as the catch diode, inductor, input and output capacitors, and voltage programming resistors can affect switching regulator
performance. When the LM2671 is used as shown in Figure 2 and Figure 3 test circuits, system performance will be as specified by the system parameters section
of the Electrical Characteristics.
Note 4: Typical numbers are at 25˚C and represent the most likely norm.
Note 5: All limits guaranteed at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits are 100%
production tested. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods. All limits are used
to calculate Average Outgoing Quality Level (AOQL).
Note 6: Junction to ambient thermal resistance with approximately 1 square inch of printed circuit board copper surrounding the leads. Additional copper area will
lower thermal resistance further. See Application Information section in the application note accompanying this datasheet and the thermal model in LM267X Made
Simple version 6.0 software. The value
θJ−A for the LLP (LD) package is specifically dependent on PCB trace area, trace material, and the number of layers and
thermal vias. For improved thermal resistance and power dissipation for the LLP package, refer to Application Note AN-1187.
www.national.com
4


Numéro de pièce similaire - LM2671MX-3.3

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2671MX-3.3 NSC-LM2671MX-3.3 Datasheet
610Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2671MX-3.3 TI-LM2671MX-3.3 Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
LM2671MX-3.3 TI-LM2671MX-3.3 Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
LM2671MX-3.3/NOPB TI1-LM2671MX-3.3/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator
LM2671MX-3.3/NOPB TI1-LM2671MX-3.3/NOPB Datasheet
2Mb / 36P
[Old version datasheet]   LM2671 SIMPLE SWITCHER짰 Power Converter High Efficiency 500-mA Step-Down Voltage Regulator With Features
More results

Description similaire - LM2671MX-3.3

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2672 NSC-LM2672 Datasheet
415Kb / 25P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
National Instruments Co...
LM2671M-33 NI-LM2671M-33 Datasheet
641Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2671 NSC-LM2671_07 Datasheet
610Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2671M-ADJ TI1-LM2671M-ADJ Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator
LM2671M-ADJ TI-LM2671M-ADJ Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
LM2671MX-33 TI-LM2671MX-33 Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
LM22678 TI-LM22678_15 Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER Step-Down Voltage Regulator With Features
logo
National Semiconductor ...
LM2672EP NSC-LM2672EP Datasheet
525Kb / 25P
   Enhanced Plastic SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2672 NSC-LM2672_01 Datasheet
475Kb / 25P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com